Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD2118 Arkusz danych(PDF) 2 Page - Rohm

Numer części 2SD2118
Szczegółowy opis  Low VCE(sat) transistor (strobe flash)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

2SD2118 Arkusz danych(HTML) 2 Page - Rohm

  2SD2118 Datasheet HTML 1Page - Rohm 2SD2118 Datasheet HTML 2Page - Rohm 2SD2118 Datasheet HTML 3Page - Rohm 2SD2118 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.11 - Rev.C
Data Sheet
2SD2118
Packaging specifications and hFE
Package
Taping
Code
Type
hFE
TL
2500
2SD2118
QR
Basic ordering unit (pieces)
hFE values are classified as follows :
Item
hFE
R
180 to 390
Q
120 to 270
Electrical characteristic curves
1m
2m
5m
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.1 Grounded emitter propagation
characteristics
VCE
=2V
25
°C
−25°C
Ta=100
°C
0
1
2
3
4
5
0
0.4
0.8
1.2
1.6
2.0
Ta
=25°C
5mA
10mA
15mA
20mA
25mA
30mA
35mA
40mA
IB
=0mA
45mA
50mA
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.2 Grounded emitter output
characteristics
1m
5
10
20
50
100
200
500
1000
2000
5000
2m 5m 0.010.02 0.050.1 0.2 0.5 1
2
5 10
Ta
=25°C
2V
1V
VCE
=5V
COLLECTOR CURRENT : IC
(A)
Fig.3 DC current gain vs.
collector current (
Ι )
1m
5
10
20
50
100
200
500
1000
2000
5000
2m 5m 0.010.02 0.05 0.10.2 0.5 1 2
5 10
VCE
=1V
25
°C
−25°C
Ta
=100°C
COLLECTOR CURRENT : IC
(A)
Fig.4 DC current gain vs.
collector current (
ΙΙ )
1m
5
10
20
50
100
200
500
1000
2000
5000
2m 5m0.010.02 0.050.10.2 0.5 1
2
5 10
VCE
=2V
25
°C
−25°C
Ta
=100°C
COLLECTOR CURRENT : IC
(A)
Fig.5 DC current gain vs.
collector current (
ΙΙΙ )
5m0.010.02 0.05
0.2 0.5 1
2m
2
1
0.5
0.2
0.1
0.05
0.02
0.01
25 10
COLLECTOR CURRENT : IC
(A)
Fig.6 Collector-emitter
saturation voltage vs.
collector current (
Ι )
Ta
=25°C
0.1
IC/IB
=50
30
10
40
2
1
0.5
0.2
0.1
0.05
0.02
0.01
2m 5m 0.010.02 0.05 0.1 0.2 0.5 1
2
5 10
COLLECTOR CURRENT : IC
(A)
Fig.7 Collector-emitter
saturation voltage vs.
collector current (
ΙΙ )
lC/lB
=10
25
°C
−25°C
Ta
=100°C
2
1
0.5
0.2
0.1
0.05
0.02
0.01
2m 5m0.010.02 0.05 0.1 0.2 0.5 1
2
5 10
COLLECTOR CURRENT : IC
(A)
Fig.8 Collector-emitter
saturation voltage vs.
collector current (
ΙΙΙ )
lC/lB
=30
Ta
=100°C
25
°C
−25°C
2
1
0.5
0.2
0.1
0.05
0.02
0.01
2m 5m0.010.02 0.05 0.1 0.2
0.5 1 2
5
10
COLLECTOR CURRENT : IC
(A)
Fig.9 Collector-emitter
saturation voltage vs.
collector current (IV)
lC/lB
=40
25
°C
−25°C
Ta
=100°C


Podobny numer części - 2SD2118

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
2SD2118 ROHM-2SD2118 Datasheet
159Kb / 4P
   Low VCE(sat) Transistor(Strobe flash)
2SD2118 ROHM-2SD2118 Datasheet
109Kb / 5P
   Low VCE(sat) transistor (strobe flash)
logo
TRANSYS Electronics Lim...
2SD2118 TEL-2SD2118 Datasheet
106Kb / 2P
   Plastic-Encapsulated Transistors
logo
Guangdong Kexin Industr...
2SD2118 KEXIN-2SD2118 Datasheet
40Kb / 1P
   Low VCE(sat) Transistor
logo
SeCoS Halbleitertechnol...
2SD2118 SECOS-2SD2118 Datasheet
486Kb / 3P
   NPN Silicon General Purpose Transistor
More results

Podobny opis - 2SD2118

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
2SD2098 ROHM-2SD2098_1 Datasheet
109Kb / 5P
   Low VCE(sat) transistor (strobe flash)
2SD2098 ROHM-2SD2098 Datasheet
159Kb / 4P
   Low VCE(sat) Transistor(Strobe flash)
2SA1834 ROHM-2SA1834 Datasheet
77Kb / 4P
   Low Vce(sat) Transistor (Strobe flash) (-20V, -10A)
2SC5001 ROHM-2SC5001 Datasheet
68Kb / 3P
   Low Vce(sat) Transistor (Strobe flash) (20V, 10A)
logo
Guangdong Kexin Industr...
2SD2098 KEXIN-2SD2098 Datasheet
37Kb / 1P
   Low VCE(sat) Transistor
logo
Nanjing International G...
2SD2098 DGNJDZ-2SD2098 Datasheet
451Kb / 3P
   Low VCE(sat) Transistor
logo
Guangdong Kexin Industr...
2SB1424 KEXIN-2SB1424 Datasheet
52Kb / 1P
   Low VCE(sat) Transistor
T3036 KEXIN-T3036 Datasheet
42Kb / 1P
   Low VCE(sat) Transistor
logo
Galaxy Semi-Conductor H...
2SD2098 BILIN-2SD2098 Datasheet
168Kb / 3P
   Low VCE(sat) Transistor
logo
Unisonic Technologies
2SB1424 UTC-2SB1424 Datasheet
150Kb / 2P
   LOW VCE(SAT) TRANSISTOR
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com