Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1259BIPW Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1259BIPW
Szczegółowy opis  Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS1259BIPW Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADS1259BIPW Datasheet HTML 4Page - Texas Instruments ADS1259BIPW Datasheet HTML 5Page - Texas Instruments ADS1259BIPW Datasheet HTML 6Page - Texas Instruments ADS1259BIPW Datasheet HTML 7Page - Texas Instruments ADS1259BIPW Datasheet HTML 8Page - Texas Instruments ADS1259BIPW Datasheet HTML 9Page - Texas Instruments ADS1259BIPW Datasheet HTML 10Page - Texas Instruments ADS1259BIPW Datasheet HTML 11Page - Texas Instruments ADS1259BIPW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
7
6
5
4
3
2
1
0
V
(V)
IN
2.5
-2.5 -2.0 -1.5 -1.0 -0.5
0
0.5
1.0
1.5
InternalReference
C
=1 F
REFIN
m
REF5025
2.0
RatiometricConfiguration
DataRate=10SPS
7
6
5
4
3
2
1
0
V
(V)
IN
2.5
-2.5 -2.0 -1.5 -1.0 -0.5
0
0.5
1.0
1.5
InternalReference
C
=1 F
REFIN
m
REF5025
2.0
RatiometricConfiguration
DataRate=60SPS
10
8
6
4
2
0
V
(V)
IN
2.5
-2.5 -2.0 -1.5 -1.0 -0.5
0
0.5
1.0
1.5
InternalReference
C
=1 F
REFIN
m
REF5025
2.0
RatiometricConfiguration
DataRate=14.4kSPS
10
9
8
7
6
5
4
3
2
1
0
ReferenceVoltage(V)
5.5
0
0.5
1.0
2.0
2.5
3.0
3.5
4.0
4.5
DataRate=14.4kSPS
5.0
ShortedInput
1.5
DataRate=400SPS
DataRate=14.4kSPS
DataRate=10SPS
DataRate=16.6SPS
3
2
1
0
1
2
3
-
-
-
InputSignal(V)
2.5
-2.5 -2.0 -1.5
-0.5
0
0.5
1.0
1.5
2.0
T=+125 C
°
-1.0
T=+85 C
°
T=+25 C
°
T= 40 C
-
°
3.0
2.5
2.0
1.5
1.0
0.5
0
Temperature( C)
°
125
5Units
-55
-35
-15
5
25
45
65
85
105
ADS1259
SBAS424C – JUNE 2009 – REVISED MARCH 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = +2.5V, AVSS = –2.5V, DVDD = 3.3V, VREF = 2.5V, VREFN = AVSS, fCLK = 7.3728MHz, and
fDATA = 60SPS, unless otherwise noted.
NOISE vs INPUT VOLTAGE
NOISE vs INPUT VOLTAGE
Figure 8.
Figure 9.
NOISE vs INPUT VOLTAGE
NOISE vs REFERENCE VOLTAGE
Figure 10.
Figure 11.
LINEARITY DEVIATION vs INPUT LEVEL
INTEGRAL NONLINEARITY vs TEMPERATURE
Figure 12.
Figure 13.
8
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS1259


Podobny numer części - ADS1259BIPW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1259BIPW TI1-ADS1259BIPW Datasheet
1Mb / 48P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259BIPWR TI1-ADS1259BIPWR Datasheet
1Mb / 48P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
More results

Podobny opis - ADS1259BIPW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1259 TI1-ADS1259_14 Datasheet
957Kb / 49P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259 TI1-ADS1259_12 Datasheet
1Mb / 48P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259-Q1 TI1-ADS1259-Q1 Datasheet
744Kb / 16P
[Old version datasheet]   ADS1259-Q1 Automotive, 14.4-kSPS, 24-Bit Analog-to-Digital Converter With Integrated Low-Drift Reference
logo
Burr-Brown (TI)
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
[Old version datasheet]   Low-Power, 24-Bit Analog-to-Digital Converter`
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com