Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1259IPWR Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1259IPWR
Szczegółowy opis  Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS1259IPWR Arkusz danych(HTML) 4 Page - Texas Instruments

  ADS1259IPWR Datasheet HTML 1Page - Texas Instruments ADS1259IPWR Datasheet HTML 2Page - Texas Instruments ADS1259IPWR Datasheet HTML 3Page - Texas Instruments ADS1259IPWR Datasheet HTML 4Page - Texas Instruments ADS1259IPWR Datasheet HTML 5Page - Texas Instruments ADS1259IPWR Datasheet HTML 6Page - Texas Instruments ADS1259IPWR Datasheet HTML 7Page - Texas Instruments ADS1259IPWR Datasheet HTML 8Page - Texas Instruments ADS1259IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
ADS1259
SBAS424C – JUNE 2009 – REVISED MARCH 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Minimum/maximum specifications are at TA = –40°C to +105°C. Typical specifications are at TA = +25°C, AVDD = +2.5V,
AVSS = –2.5V, DVDD = +3.3V, fCLK = 7.3728MHz, VREF = 2.5V, and fDATA = 60SPS, unless otherwise noted.
ADS1259
ADS1259B
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
CLOCK SOURCE (fCLK)
Nominal frequency
7.3728
7.3728
MHz
Internal oscillator
Accuracy
±0.2
±2
±0.2
±2
%
Frequency range
2
7.3728
8
2
7.3728
8
MHz
Crystal oscillator
Start-up time
(11)
20
20
ms
Frequency range
0.1
7.3728
8
0.1
7.3728
8
MHz
External clock
Duty cycle
40
60
40
60
%
DIGITAL INPUT/OUTPUT (DVDD = 2.7V to 5.25V)
VIH
0.8 DVDD
DVDD
0.8 DVDD
DVDD
V
VIL
DGND
0.2 DVDD
DGND
0.2 DVDD
V
IOH = 1mA
0.8 DVDD
0.8 DVDD
V
VOH
IOH = 8mA
0.75 DVDD
0.75 DVDD
V
IOL = 1mA
0.2 DVDD
0.2 DVDD
V
VOL
IOL = 8mA
0.2 DVDD
0.2 DVDD
V
Input hysteresis
0.1
0.1
V
Input leakage
0 < VDIGITAL INPUT < DVDD
±10
±10
mA
POWER SUPPLY
AVSS
–2.6
0
–2.6
0
V
AVDD
AVSS + 4.75
AVSS + 5.25
AVSS + 4.75
AVSS + 5.25
V
DVDD
2.7
5.25
2.7
5.25
V
Operating
2.3
3.8
2.3
3.8
|mA|
(reference enabled)
Sleep mode
200
200
|mA|
(reference enabled)
AVDD, AVSS current
Sleep mode
1
40
1
40
|mA|
(reference disabled)
Power-Down mode
1
40
1
40
|mA|
Operating
500
700
500
700
mA
DVDD current
(12)
Sleep mode
160
300
160
300
mA
Power-Down mode
(13)
1
10
1
10
mA
Operating
13
22
13
22
mW
Sleep mode
1.5
1.5
mW
(reference enabled)
Power dissipation
Sleep mode
0.5
1.2
0.5
1.2
mW
(reference disabled)
Power-Down mode
10
240
10
240
mW
TEMPERATURE RANGE
Specified temperature range
–40
+105
–40
+105
°C
Operating temperature range
–40
+125
–40
+125
°C
Storage temperature range
–60
+150
–60
+150
°C
(11) Crystal operation using 18pF load capacitors.
(12) Specified with internal oscillator operating (internal oscillator current: 40µA, typ).
(13) External CLKIN, SCLK stopped. Digital inputs maintained at VIH or VIL voltage levels.
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS1259


Podobny numer części - ADS1259IPWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1259IPWR TI1-ADS1259IPWR Datasheet
1Mb / 48P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
More results

Podobny opis - ADS1259IPWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1259 TI1-ADS1259_14 Datasheet
957Kb / 49P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259 TI1-ADS1259_12 Datasheet
1Mb / 48P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259-Q1 TI1-ADS1259-Q1 Datasheet
744Kb / 16P
[Old version datasheet]   ADS1259-Q1 Automotive, 14.4-kSPS, 24-Bit Analog-to-Digital Converter With Integrated Low-Drift Reference
logo
Burr-Brown (TI)
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
[Old version datasheet]   Low-Power, 24-Bit Analog-to-Digital Converter`
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com