Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA6246 Arkusz danych(PDF) 4 Page - Rohm

Numer części BA6246
Szczegółowy opis  Reversible motor drivers (for two motors series)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA6246 Arkusz danych(HTML) 4 Page - Rohm

  BA6246_09 Datasheet HTML 1Page - Rohm BA6246_09 Datasheet HTML 2Page - Rohm BA6246_09 Datasheet HTML 3Page - Rohm BA6246_09 Datasheet HTML 4Page - Rohm BA6246_09 Datasheet HTML 5Page - Rohm BA6246_09 Datasheet HTML 6Page - Rohm BA6246_09 Datasheet HTML 7Page - Rohm BA6246_09 Datasheet HTML 8Page - Rohm BA6246_09 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Technical Note
4/15
BA6246, BA6246N, BA6247FP-Y, BA6239A, BA6238A, BA6238AN
www.rohm.com
2009.04 - Rev.A
c
2009 ROHM Co., Ltd. All rights reserved.
Electrical characteristic curves (Reference data)
Fig.1 Supply current
Fig.2 Supply current
Fig.3 Supply current
(BA6246)
(BA6246N)
(BA6247FP-Y)
Fig.4 Supply current
Fig.5 Supply current
Fig.6 Supply current
(BA6239A)
(BA6238A)
(BA6238AN)
Fig.7 Output high voltage
Fig.8 Output high voltage
Fig.9 Output high voltage
(BA6246)
(BA6246N)
(BA6247FP-Y)
Fig.10 Output high voltage
Fig.11 Output high voltage
Fig.12 Output high voltage
(BA6239A)
(BA6238A)
(BA6238AN)
0
2
4
6
8
10
12
8
1012
141618
Supply Voltage: Vcc [V]
-25°C
25°C
75°C
0
2
4
6
8
10
12
8
1012
141618
Supply Voltage: Vcc [V]
-25°C
25°C
75°C
4
6
8
10
12
14
16
8
1012
141618
Supply Voltage: Vcc [V]
-25°C
25°C
75°C
6
8
10
12
14
16
18
8
1012
141618
Supply Voltage: Vcc [V]
75°C
25°C
-25°C
6
8
10
12
14
16
18
8
1012
1416
18
Supply Voltage: Vcc [V]
75°C
25°C
-25°C
6
8
10
12
14
16
18
8
1012
1416
18
Supply Voltage: Vcc [V]
75°C
25°C
-25°C
8
9
10
11
12
0
0.2
0.4
0.6
0.8
1
Output Current: Iout [A]
75°C
25°C
-25°C
8
9
10
11
12
0
0.2
0.4
0.6
0.8
1
Output Current: Iout [A]
75°C
25°C
-25°C
8
9
10
11
12
0
0.2
0.4
0.6
0.8
1
Output Current: Iout [A]
75°C
25°C
-25°C
8
9
10
11
12
0
0.3
0.6
0.9
1.2
Output Current: Iout [A]
75°C
25°C
-25°C
8
9
10
11
12
0
0.4
0.8
1.2
1.6
Output Current: Iout [A]
75°C
25°C
-25°C
8
9
10
11
12
0
0.4
0.8
1.2
1.6
Output Current: Iout [A]
75°C
25°C
-25°C


Podobny numer części - BA6246_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA6246N ROHM-BA6246N Datasheet
275Kb / 5P
   Reversible motor driver for 2 motors
BA6246N ROHM-BA6246N Datasheet
121Kb / 6P
   Reversible motor driver
More results

Podobny opis - BA6246_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA6247FP-Y ROHM-BA6247FP-Y_11 Datasheet
265Kb / 12P
   1.0A or More Reversible Motor Drivers (2 Motors)
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
283Kb / 5P
   Reversible Motor Driver for 2 motors
BA6246N ROHM-BA6246N Datasheet
275Kb / 5P
   Reversible motor driver for 2 motors
BA6238A ROHM-BA6238A_1 Datasheet
282Kb / 5P
   Reversible Motor Driver for 2 motors
BA6246 ROHM-BA6246 Datasheet
278Kb / 5P
   Reversible Motor Driver for 2 motors
BA6239A ROHM-BA6239A Datasheet
272Kb / 5P
   Reversible Motor Driver for 2 motors
BA6238AN ROHM-BA6238AN Datasheet
276Kb / 5P
   Reversible Motor Driver for 2 motors
BA6956AN ROHM-BA6956AN_09 Datasheet
377Kb / 16P
   Reversible motor drivers (1A series)
BH6578FVM ROHM-BH6578FVM_09 Datasheet
296Kb / 9P
   Reversible Motor Drivers for Output 0.5A 1 Motor
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com