Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA6246N Arkusz danych(PDF) 1 Page - Rohm

Numer części BA6246N
Szczegółowy opis  Reversible motor drivers (for two motors series)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA6246N Arkusz danych(HTML) 1 Page - Rohm

  BA6246N Datasheet HTML 1Page - Rohm BA6246N Datasheet HTML 2Page - Rohm BA6246N Datasheet HTML 3Page - Rohm BA6246N Datasheet HTML 4Page - Rohm BA6246N Datasheet HTML 5Page - Rohm BA6246N Datasheet HTML 6Page - Rohm BA6246N Datasheet HTML 7Page - Rohm BA6246N Datasheet HTML 8Page - Rohm BA6246N Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/15
www.rohm.com
2009.04 - Rev.A
c
2009 ROHM Co., Ltd. All rights reserved.
For brush motors
Reversible motor drivers
(for two motors series)
BA6246, BA6246N, BA6247FP-Y, BA6239A, BA6238A, BA6238AN
Overview
The reversible motor driver for output 1.0A or more for two motors drives a brush motor and incorporates one and a half
circuits of reversible motor driver. In addition, since the output section can control voltage applied to motors by output high
voltage setting pin, the torque at the time of driving motors can be varied.
Features
1) Built-in one and a half circuits of a reversible motor driver
2) Minimal external components
3) Output voltage can be optionally set by reference voltage setting pin
4) Built-in thermal shutdown circuit
Applications
Audio-visual equipment; PC peripherals; Car audios; Car navigation systems; OA equipments
Absolute maximum ratings (Ta=25°C, All voltages are with respect to ground)
Parameter
Symbol
Ratings
Unit
BA6246/N
BA6247FP-Y
BA6239A
BA6238A/AN
Supply voltage
VCC1, VCC2
20
20
20
20
V
Output current
IOMAX
1*
1
1*
1
1.2*
2
1.6*
1
A
Control input pins
VIN
-0.2 ~ 6.0
-0.2 ~ 6.0
-0.3 ~ 5.0
-0.3 ~ 5.0
V
Operating temperature
TOPR
-25 ~ 75
-25 ~ 75
-25 ~ 75
-25 ~ 75
°C
Storage temperature
TSTG
-55 ~ 150
-55 ~ 150
-55 ~ 125
-55 ~ 125
°C
Power dissipation
Pd
2.5*
3 / 1.19*4
1.45*
5
2.0*
3
2.0*
3 / 0.95*4
W
Junction temperature
Tjmax
150
150
125
125
°C
*1 Do not, exceed Pd or ASO (Pulse at 1/50 duty: 50ms).
*2 Do not, exceed Pd or ASO (Pulse at 1/100 duty: 500µs).
*3 HSIP10 package. Derated at 20mW/°C above 25°C.
*4 SIP10 package. Derated at 9.5mW/°C above 25°C.
*5 HSOP25 package. Mounted on a 70mm x 70mm x 1.6mm FR4 glass-epoxy board with less than 3% copper foil. Derated at 11.6mW/°C above 25°C.
Operating conditions (Ta=25°C)
Parameter
Symbol
Ratings
Unit
BA6246/N
BA6247FP-Y
BA6239A
BA6238A/AN
Supply voltage
VCC1, VCC2
8 ~ 18
8 ~ 18
8 ~ 18
8 ~ 18
V
VREF voltage
VR
0 ~ 18
0 ~ 18
8 ~ 18
0 ~ 18
V
No.09008EAT04


Podobny numer części - BA6246N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA6246N ROHM-BA6246N Datasheet
275Kb / 5P
   Reversible motor driver for 2 motors
BA6246N ROHM-BA6246N Datasheet
121Kb / 6P
   Reversible motor driver
More results

Podobny opis - BA6246N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA6247FP-Y ROHM-BA6247FP-Y_11 Datasheet
265Kb / 12P
   1.0A or More Reversible Motor Drivers (2 Motors)
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
283Kb / 5P
   Reversible Motor Driver for 2 motors
BA6246N ROHM-BA6246N Datasheet
275Kb / 5P
   Reversible motor driver for 2 motors
BA6238A ROHM-BA6238A_1 Datasheet
282Kb / 5P
   Reversible Motor Driver for 2 motors
BA6246 ROHM-BA6246 Datasheet
278Kb / 5P
   Reversible Motor Driver for 2 motors
BA6239A ROHM-BA6239A Datasheet
272Kb / 5P
   Reversible Motor Driver for 2 motors
BA6238AN ROHM-BA6238AN Datasheet
276Kb / 5P
   Reversible Motor Driver for 2 motors
BA6956AN ROHM-BA6956AN_09 Datasheet
377Kb / 16P
   Reversible motor drivers (1A series)
BH6578FVM ROHM-BH6578FVM_09 Datasheet
296Kb / 9P
   Reversible Motor Drivers for Output 0.5A 1 Motor
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com