Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA7622F Arkusz danych(PDF) 3 Page - Rohm

Numer części BA7622F
Szczegółowy opis  Standard 3-output Video Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA7622F Arkusz danych(HTML) 3 Page - Rohm

  BA7622F Datasheet HTML 1Page - Rohm BA7622F Datasheet HTML 2Page - Rohm BA7622F Datasheet HTML 3Page - Rohm BA7622F Datasheet HTML 4Page - Rohm BA7622F Datasheet HTML 5Page - Rohm BA7622F Datasheet HTML 6Page - Rohm BA7622F Datasheet HTML 7Page - Rohm BA7622F Datasheet HTML 8Page - Rohm BA7622F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
BA7622F, BA7623F
Technical Note
3/16
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●Measurement circuit
SWC
75
1000
+
75
75
75
OSC
SG
~
~
600
1
1
1
12
3
SWA
SWB
1
75
driver
2
3
4
75
driver
75
driver
5
75
470
+
75
6
75
470
+
75
7
75
470
+
75
8
0.022
F
47
F
Analyzer
Audio
12 3
SWF
Vector
Scope
23
Analyzer
Audio
12 3
SWD
1
SWE
Vector
Scope
Analyzer
Audio
Vector
Scope
V
~
V
~
V
~
VCC
5V
+
+
+
+
ただし、出力段負荷は
75
 1ドライブ時
75
 2ドライブ時は下図となる。
1k
2.1V
1k
2.1V
1k
2.1V
OSC
SG
~
~
600
1
1
1
12
3
+
+
+
1k
2.1V
1k
2.1V
1k
2.1V
OSC
SG
~
~
600
1
1
1
12
3
+
+
+
1k
2.1V
1k
2.1V
1k
2.1V
1
2
3
4
SWC
VCC5V
V
~
~
OSC
SG
600
1 1
1
200
A
50
A
75
1000
+
75
75
75
OSC
SG
OSC
SG
V
~
600
1 1
1
4
VCC5V
V
~
~
600
1 1
1
1
2
3
4
SWA
~
1
2
3
SWB
200
A
VCC
5V
1
75
driver
2
3
4
75
driver
75
driver
Clamp
Clamp
20k
Bias
5
75
470
+
75
6
75
470
+
75
7
75
470
+
75
8
0.022F
47
F
Analyzer
Audio
1
2 3
SWF
Vector
Scope
2
3
Analyzer
Audio
1
2
3
SWD
1
SWE
Vector
Scope
Analyzer
Audio
Vector
Scope
V
~
V
~
V
~
VCC5V
+
+
+
+
+
+
+
+
+
+
They are as shown in the figure below
when driving two 75Ω loads.
Fig.3 BA7622F
They are as shown in the figure below
when driving two 75Ω loads.
They are as shown in the figure below
when driving two 75Ω loads.
Fig.4 BA7623F


Podobny numer części - BA7622F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA7622F ROHM-BA7622F Datasheet
77Kb / 7P
   75??driver IC with 3 internal circuits
More results

Podobny opis - BA7622F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BH7600AFS ROHM-BH7600AFS_09 Datasheet
377Kb / 17P
   Wide Band 3-output Video Driver
logo
Savitech Corp.
SV5104C SAVITECH-SV5104C Datasheet
213Kb / 8P
   Standard Definition Video Driver
SV5108 SAVITECH-SV5108 Datasheet
382Kb / 9P
   Standard Definition Video Driver
SV5108B SAVITECH-SV5108B Datasheet
333Kb / 8P
   Standard Definition Video Driver
logo
Guangdong Kexin Industr...
2SA1724 KEXIN-2SA1724 Datasheet
374Kb / 3P
   Video Output Driver Applications
logo
New Japan Radio
NJM2504 NJRC-NJM2504 Datasheet
117Kb / 5P
   VIDEO DIFFERENTIAL OUTPUT DRIVER
logo
Savitech Corp.
SV5309 SAVITECH-SV5309 Datasheet
220Kb / 8P
   Standard Definition Video Filter Driver
logo
SG Micro Corp
SGM9149 SGMICRO-SGM9149 Datasheet
310Kb / 10P
   Standard Definition Video Filter Driver
logo
Mitsumi Electronics, Co...
MM1221 MITSUMI-MM1221 Datasheet
95Kb / 7P
   2-Input 1-Output Video Switch (W/75OHM driver)/3-Input 1-Output Video Switch (W/75OHM driver)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com