Zakładka z wyszukiwarką danych komponentów |
|
BA2901FV Arkusz danych(PDF) 10 Page - Rohm |
|
BA2901FV Arkusz danych(HTML) 10 Page - Rohm |
10 / 20 page Technical Note BA10393F,BA10339F/FV,BA2903SF/FV/FVM,BA2903F/FV/FVM, BA2903HFVM-C,BA2901SF/FV/KN,BA2901F/FV/KN 10/19 www.rohm.com 2009.05 - Rev.A © 2009 ROHM Co., Ltd. All rights reserved. 60 70 80 90 100 110 120 130 140 -50 -25 0 25 50 75 100 125 150 AMBIENT TEMPERATURE [℃] 40 60 80 100 120 140 160 010 20 30 40 SUPPLY VOLTAGE [V] 60 70 80 90 100 110 120 130 140 0 10203040 SUPPLY VOLTAGE [V] 60 80 100 120 140 160 180 200 -50 -25 0 25 50 75 100 125 150 AMBIENT TEMPERATURE [℃] -50 -40 -30 -20 -10 0 10 20 30 40 50 -50 -25 0 25 50 75 100 125 150 AMBIENT TEMPERATURE [℃] 0 25 50 75 100 125 150 -50 -25 0 255075 100 125 150 AMBIENT TEMPERATURE [℃] -6 -4 -2 0 2 4 6 -1 01 23 4 5 INPUT VOLTAGE [V] 0 1 2 3 4 5 -100 -80 -60 -40 -20 0 OVER DRIVE VOLTAGE [V] 0 1 2 3 4 5 -50 -25 0 25 50 75 100 125 150 AMBIENT TEMPERATURE [℃] 0 1 2 3 4 5 0 2040 6080 100 OVER DRIVE VOLTAGE [V] 0 1 2 3 4 5 -50 -25 0 25 50 75 100 125 150 AMBIENT TEMPERATURE [℃] ○ BA2903S/BA2903 family,BA2903HFVM-C (*)The data above is ability value of sample, it is not guaranteed. Power Supply Rejection Ratio – Ambient Temperature Response Time (Low to High) – Ambient Temperature (VCC=5[V],VRL=5[V],RL=5.1[kΩ]) Input Offset Voltage – Input Voltage (VCC=5V) Response Time (High to Low)– Over Drive Voltage (VCC=5[V],VRL=5[V],RL=5.1[kΩ]) Response Time (High to Low) – Ambient Temperature (VCC=5[V],VRL=5[V],RL=5.1[kΩ]) Response Time (Low to High) – Over Drive Voltage (VCC=5[V],VRL=5[V],RL=5.1[kΩ]) -40℃ 25℃ 125℃ 2V 5V 36V 2V 5V 36V 25℃ 125℃ -40℃ 15V 5V 36V -40℃ 25℃ 125℃ 125℃ 25℃ -40℃ 125℃ 25℃ -40℃ 105℃ 105℃ 105℃ 105℃ 105℃ BA2903S/BA2903 family,BA2903H BA2903S/BA2903 family,BA2903H BA2903S/BA2903 family,BA2903H BA2903S/BA2903 family,BA2903H BA2903S/BA2903 family,BA2903H BA2903S/BA2903 family,BA2903H BA2903S/BA2903 family,BA2903H BA2903S/BA2903 family,BA2903H BA2903S/BA2903 family,BA2903H BA2903S/BA2903 family,BA2903H BA2903S/BA2903 family,BA2903H Common Mode Rejection Ratio – Supply Voltage Common Mode Rejection Ratio – Ambient Temperature Input Offset Current – Ambient Temperature Large Signal Voltage Gain – Supply Voltage Large Signal Voltage Gain – Ambient Temperature 5mV overdrive 20mV overdrive 100mV overdrive 5mV overdrive 20mV overdrive 100mV overdrive OVER DRIVE VOLTAGE [mV] Fig. 53 Fig. 54 Fig. 55 Fig. 56 Fig. 57 Fig. 58 Fig. 59 Fig. 60 Fig. 61 Fig. 62 Fig. 63 |
Podobny numer części - BA2901FV |
|
Podobny opis - BA2901FV |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |