Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD2061AFJ Arkusz danych(PDF) 6 Page - Rohm

Numer części BD2061AFJ
Szczegółowy opis  1ch Large Current Output USB High Side Switch ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD2061AFJ Arkusz danych(HTML) 6 Page - Rohm

Back Button BD2061AFJ_09 Datasheet HTML 2Page - Rohm BD2061AFJ_09 Datasheet HTML 3Page - Rohm BD2061AFJ_09 Datasheet HTML 4Page - Rohm BD2061AFJ_09 Datasheet HTML 5Page - Rohm BD2061AFJ_09 Datasheet HTML 6Page - Rohm BD2061AFJ_09 Datasheet HTML 7Page - Rohm BD2061AFJ_09 Datasheet HTML 8Page - Rohm BD2061AFJ_09 Datasheet HTML 9Page - Rohm BD2061AFJ_09 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BD2061AFJ,BD2065AFJ
Technical Note
6/12
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Waveform data
Regarding the output rise/fall and over current detection characteristics of BD2065AFJ, refer to the characteristic of BD2061AFJ.
VIN=5V
TIME (2ms/div.)
Fig.32 Over current response
Ramped load
(BD2061AFJ)
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(1.0A/div.)
TIME (2ms/div.)
Fig.33 Over current response
Enable to shortcircuit
(BD2061AFJ)
VIN=5V
CL=100μF
V/EN
(5V/div.)
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(1.0A/div.)
V/EN
(5V/div.)
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
TIME(1ms/div.)
Fig.28 Output rise characteristic
(BD2061AFJ)
V/EN
(5V/div.)
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
TIME(1ms/div.)
Fig.29 Output fall characteristic
(BD2061AFJ)
TIME (2ms/div.)
Fig.34 Over current response
Enable to shortcircuit
(BD2061AFJ)
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(1.0A/div.)
VIN=5V
CL=100μF
TIME (0.2s/div.)
Fig.35 Over current response
Enable to shortcircuit
(BD2061AFJ)
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(1.0A/div.)
TIME (0.5ms/div.)
Fig30 Inrush current response
(BD2061AFJ)
(5V/div.)
VEN
IOUT
(0.5A/div.)
TIME (20ms/div.)
Fig.31 Over current response
Ramped load
(BD2061AFJ)
Thermal Shutdown
VIN=5V
CL=100μF
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(1.0A/div.)
CL=47μF
CL=220μF
CL=147μF
VIN=5V
RL= 5Ω
VIN=5V
V/OC
(5V/div.)
CL=330μF
VIN=5V
RL=10Ω
CL=100μF
VIN=5V
RL=10Ω
CL=100μF
(5V/div.)
TIME (10ms/div.)
Fig.36 UVLO response
Increasing VIN
(BD2061AFJ)
VIN
(5V/div.)
VOUT
(5V/div.)
IOUT
(1.0A/div.)
TIME (10ms/div.)
Fig.37 UVLO response
Decreasing VIN
(BD2061AFJ)
(5V/div.)
VIN
(5V/div.)
VOUT
(5V/div.)
IOUT
(1.0A/div.)
V/OC
V/OC
RL=5Ω
CL=147μF
RL=5Ω
CL=147μF


Podobny numer części - BD2061AFJ_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD2061AFJ-E2 ROHM-BD2061AFJ-E2 Datasheet
488Kb / 25P
   High Side Switch ICs
BD2061AFJ-E2 ROHM-BD2061AFJ-E2 Datasheet
1,023Kb / 26P
   1.5A Current Limit High Side Switch ICs
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_13 Datasheet
488Kb / 25P
   High Side Switch ICs
More results

Podobny opis - BD2061AFJ_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD2041AFJ ROHM-BD2041AFJ_09 Datasheet
481Kb / 19P
   1ch Large Current Output USB High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ_09 Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
BD2222G ROHM-BD2222G Datasheet
764Kb / 30P
   1ch Adjustable Current Limit High Side Switch ICs
BD2242G ROHM-BD2242G Datasheet
993Kb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD2244G-M ROHM-BD2244G-M_16 Datasheet
2Mb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_09 Datasheet
429Kb / 14P
   2ch Small Current Output USB High Side Switch ICs
BD22441G-C ROHM-BD22441G-C Datasheet
1Mb / 28P
   Automotive 1ch Adjustable Current Limit High Side Switch ICs
11.Apr.2022 Rev.004
BD2220G-LB ROHM-BD2220G-LB Datasheet
549Kb / 24P
   1ch Small Package High Side Switch ICs
BD2202G ROHM-BD2202G_09 Datasheet
453Kb / 13P
   1ch Small Current Output Power Management Switch ICs
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com