Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD3509MUV Arkusz danych(PDF) 11 Page - Rohm

Numer części BD3509MUV
Szczegółowy opis  Ultra Low Dropout Linear Regulators for PC Chipsets
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD3509MUV Arkusz danych(HTML) 11 Page - Rohm

Back Button BD3509MUV Datasheet HTML 7Page - Rohm BD3509MUV Datasheet HTML 8Page - Rohm BD3509MUV Datasheet HTML 9Page - Rohm BD3509MUV Datasheet HTML 10Page - Rohm BD3509MUV Datasheet HTML 11Page - Rohm BD3509MUV Datasheet HTML 12Page - Rohm BD3509MUV Datasheet HTML 13Page - Rohm BD3509MUV Datasheet HTML 14Page - Rohm BD3509MUV Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11/20
www.rohm.com
2009.05 - Rev.A
c
2009 ROHM Co., Ltd. All rights reserved.
BD3508MUV, BD3509MUV
Technical Note
Operation of Each Block
AMP
This is an error amp that functions by comparing the reference voltage (0.65V) with Vo to drive the output Nch FET
(Ron=50mΩ). Frequency optimization helps to realize rapid transit response, and to support the use of functional polymer
output capacitors. AMP input voltage ranges from GND to 2.7V, while the AMP output ranges from GND to VCC. When EN is
OFF, or when UVLO is active, output goes LOW and the output NchFET switches OFF.
EN
The EN block controls the regulator ON/OFF pin by means of the logic input pin. In OFF position, circuit voltage is
maintained at 0μA, thus minimizing current consumption at standby. The FET is switched ON to enable discharge of the
NRCS pin Vo, thereby draining the excess charge and preventing the load IC from malfunctioning. Since no electrical
connection is required (such as between the VCC pin and the ESD prevention Di), module operation is independent of the
input sequence.
UVLO
To prevent malfunctions that can occur when there is a momentary decrease in VCC supply voltage, the UVLO circuit
switches output OFF, and, like the EN block, discharges the NRCS Vo. Once the UVLO threshold voltage (TYP3.80V) is
exceeded, the power-on reset is triggered and output begins.
CURRENT LIMIT
With output ON, the current limit function monitors internal IC output current against the parameter value. When current
exceeds this level, the current limit module lowers the output current to protect the load IC. When the overcurrent state is
eliminated, output voltage is restored at the parameter value.
NRCS
The soft start function is realized by connecting an NRCS pin external capacitor to the target ground. Output ramp-up can
be set for any period up to the time the NRCS pin reaches VFB (0.65V). During startup, the NRCS pin serves as the 20μA
(TYP) constant current source and charges the externally connected capacitor.
TSD (Thermal Shut Down)
The shutdown (TSD) circuit automatically switches output OFF when the chip temperature gets too high, thus serving to
protect the IC against “thermal runaway” and heat damage. Because the TSD circuit is provided to shut down the IC in the
presence of extreme heat, in order to avoid potential problems with the TSD, it is crucial that the Tj (max) parameter not be
exceeded in the thermal design.
VIN
The VIN line is the major current supply line, and is connected to the output NchFET drain. Since no electrical connection
(such as between the VCC pin and an ESD protective Di) is necessary, VIN operates independent of the input sequence.
However, since there is an output NchFET body Di between VIN and Vo, a VIN-Vo electric (Di) connection is present. Note,
therefore, that when output is switched ON or OFF, reverse current may flow to the VIN from Vo.
PGOOD (BD3509MUV)
This is the monitor pin for output voltage (Vo). It is used through the pull-up resistance (100kΩ). PGOOD pin judges the
voltage High or Low (FB Voltage 0.585V typ. : threshold voltage).


Podobny numer części - BD3509MUV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD3509MUV ROHM-BD3509MUV Datasheet
379Kb / 6P
   Silicon monolithic integrated circuit 1ch Series Regulator Driver IC
BD3509MUV ROHM-BD3509MUV Datasheet
665Kb / 21P
   Nch FET Ultra LDO for PC Chipsets
BD3509MUV ROHM-BD3509MUV_10 Datasheet
665Kb / 21P
   Nch FET Ultra LDO for PC Chipsets
More results

Podobny opis - BD3509MUV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
BD3550HFN ROHM-BD3550HFN_08 Datasheet
665Kb / 17P
   Ultra Low Dropout Linear Regulators for PC
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
BD3522EFV ROHM-BD3522EFV_08 Datasheet
639Kb / 21P
   Ultra Low Dropout Linear Regulators(4A) for Desktop PC
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3961 NSC-LP3961 Datasheet
376Kb / 20P
   800mA Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com