Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD35230HFN Arkusz danych(PDF) 9 Page - Rohm

Numer części BD35230HFN
Szczegółowy opis  Nch FET Ultra LDOs for Desktop PCs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD35230HFN Arkusz danych(HTML) 9 Page - Rohm

Back Button BD35230HFN Datasheet HTML 5Page - Rohm BD35230HFN Datasheet HTML 6Page - Rohm BD35230HFN Datasheet HTML 7Page - Rohm BD35230HFN Datasheet HTML 8Page - Rohm BD35230HFN Datasheet HTML 9Page - Rohm BD35230HFN Datasheet HTML 10Page - Rohm BD35230HFN Datasheet HTML 11Page - Rohm BD35230HFN Datasheet HTML 12Page - Rohm BD35230HFN Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
BD3523HFN, BD35230HFN, BD35231HFN
Technical Note
9/20
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Pin Layout
Pin Function Table
PIN No.
PIN name
PIN Function
PIN No.
PIN name
PIN Function
1
VCC
Power Supply Pin
1
VCC
Power Supply Pin
2
EN
Enable Input Pin
2
EN
Enable Input Pin
3
NRCS
In-rush Current Protection (NRCS)
Capacitor Connection Pin
3
NRCS
In-rush Current Protection (NRCS)
Capacitor Connection Pin
4
VIN
Input Voltage Pin
4
VIN
Input Voltage Pin
5
VO
Output Voltage Pin
5
VO
Output Voltage Pin
6
VO
Output Voltage Pin
6
VOS
Output Voltage Control Pin
7
FB
Reference Voltage Feedback Pin
7
FB
Reference Voltage Feedback Pin
8
GND
Ground Pin
8
GND
Ground Pin
-
FIN
Connected to heatsink and GND
-
FIN
Connected to heatsink and GND
BD3523HFN
BD35230HFN/BD35231HFN
GND
FB
6
Vcc
EN
NRCS
VIN
4
3
2
1
FIN
Vo
5
6
7
8
Vo
GND
FB
6
FIN
Vos
5
6
7
8
Vo
Vcc
EN
NRCS
VIN
4
3
2
1
BD3523HFN
BD35230HFN/BD35231HFN


Podobny numer części - BD35230HFN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Shunye Electro...
BD352-BD356 SHUNYE-BD352-BD356 Datasheet
151Kb / 2P
   BLOCK DIODES
logo
Won-Top Electronics
BD3520 WTE-BD3520 Datasheet
29Kb / 2P
   35A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
BD3520 WTE-BD3520 Datasheet
32Kb / 2P
   35A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
logo
Rohm
BD3520FVM ROHM-BD3520FVM Datasheet
355Kb / 5P
   silicon monolithic integrated circuit
BD3520FVM ROHM-BD3520FVM Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Podobny opis - BD35230HFN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD3540NUV ROHM-BD3540NUV_09 Datasheet
642Kb / 17P
   Nch FET Ultra LDOs for Desktop PCs Chipsets with Power Good
BD35281HFN ROHM-BD35281HFN_11 Datasheet
384Kb / 16P
   Nch FET Ultra LDO for Desktop PCs
BD3506F ROHM-BD3506F_10 Datasheet
534Kb / 15P
   Nch FET Ultra LDO for PC Chipsets
BD3507HFV ROHM-BD3507HFV_10 Datasheet
479Kb / 16P
   Nch FET Ultra LDO for PC Chipsets
BD3509MUV ROHM-BD3509MUV_10 Datasheet
665Kb / 21P
   Nch FET Ultra LDO for PC Chipsets
BD3504FVM ROHM-BD3504FVM_10 Datasheet
549Kb / 17P
   Nch FET Ultra LDO Controllers for PC Chipsets
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
ADM9264 AD-ADM9264_15 Datasheet
189Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
logo
PhaseLink Corporation
PLL103-02 PLL-PLL103-02 Datasheet
178Kb / 6P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com