Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD3533F Arkusz danych(PDF) 4 Page - Rohm

Numer części BD3533F
Szczegółowy opis  Termination Regulators for DDR-SDRAMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD3533F Arkusz danych(HTML) 4 Page - Rohm

  BD3533F Datasheet HTML 1Page - Rohm BD3533F Datasheet HTML 2Page - Rohm BD3533F Datasheet HTML 3Page - Rohm BD3533F Datasheet HTML 4Page - Rohm BD3533F Datasheet HTML 5Page - Rohm BD3533F Datasheet HTML 6Page - Rohm BD3533F Datasheet HTML 7Page - Rohm BD3533F Datasheet HTML 8Page - Rohm BD3533F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4/16
ELECTRICAL CHARACTERISTICS
BD3533F/FVM/EKN
ELECTRICAL CHARACTERISTICS(unless otherwise noted, Ta=25℃ VCC=3.3V VEN=3V VDDQ=1.8V VTT_IN=1.8V)
Parameter
Symbol
Standard Value
Unit
Condition
MIN
TYP
MAX
[Input of Reference Voltage]
Input Impedance
ZVDDQ
70
100
130
Output Voltage1
VREF1
1/2×VDDQ
-18m
1/2×VDDQ
1/2×VDDQ
+18m
V
IREF=-5mA to 5mA
Ta=0℃ to 100℃
*7
Output Voltage2
VREF2
1/2×VDDQ
-40m
1/2×VDDQ
1/2×VDDQ
+40m
V
IREF=-10mA to 10mA
Ta=0℃ to 100℃
*7
Output Voltage3
VREF3
1/2×VDDQ
-25m
1/2×VDDQ
1/2×VDDQ
+25m
V
VCC=5V, VDDQ=VTT_IN=2.5V
IREF=-5mA to 5mA
Ta=0℃ to 100℃
*7
Output Voltage4
VREF4
1/2×VDDQ
-40m
1/2×VDDQ
1/2×VDDQ
+40m
V
VCC=5V, VDDQ=VTT_IN=2.5V
IREF=-10mA to 10mA
Ta=0℃ to 100℃
*7
[Reference voltage]
Source Current
IREF+
20
-
-
mA
Sink Current
IREF-
-
-
-20
mA
[UVLO]
UVLO OFF Voltage
VUVLO
2.40
2.55
2.70
V
VCC : sweep up
Hysteresis Voltage
VUVLO
100
160
220
mV
VCC : sweep down
*7 Design Guarantee
BD3531F
ELECTRICAL CHARACTERISTICS(unless otherwise noted, Ta=25℃ VCC=5V VEN=3V VDDQ=2.5V VTT_IN=2.5V)
Parameter
Symbol
Standard Value
Unit
Condition
MIN
TYP
MAX
Standby Current
IST
-
0.8
1.6
mA
VEN=0V
Bias Current
ICC
-
2
4
mA
[Enable]
Hi Level Enable Input Voltage
VENHI
2
-
5.5
V
Low Level Enable Input Voltage
VENLOW
-0.3
-
0.8
V
Enable Pin Input Current
IEN
-
7
10
uA
VEN=3V
[Termination]
Termination Output Voltage
VTT
VREF
-30mV
VREF
VREF
+30mV
V
Io=-1.5A to 1.5A
Ta=0℃ to 100℃ *
8
Source Current
ITT+
1.5
-
-
A
Sink Current
ITT-
-
-
-1.5
A
Load Regulation
VTT
-
-
40
mV
Io=-1.5A to 1.5A
Line Regulation
Reg.l
-
20
40
mV
VCC=4.5V to 5.5V
Upper Side ON Resistance
HRON
-
0.4
0.8
Ω
Lower Side ON Resistance
LRON
-
0.4
0.8
Ω
[Input of Reference Voltage]
Input Impedance
ZVDDQ
-
100
-
[Reference voltage]
Output Voltage1
VREF1
1/2×VDDQ-30m
1/2×VDDQ
1/2×VDDQ+30m
V
IREF=0mA
Output Voltage2
VREF2
1/2×VDDQ
-40m
1/2×VDDQ
1/2×VDDQ
+40m
V
IREF=-10mA to 10mA
Ta=0℃ to 100℃ *
8
Source Current
IREF+
10
20
-
mA
Sink Current
IREF-
-
-20
-10
mA
[UVLO]
UVLO OFF Voltage
VUVLO
4.2
4.35
4.5
V
VCC : Sweep up
Hysteresis Voltage
VUVLO
100
160
220
mV
VCC : Sweep down
*8 Design Guarantee


Podobny numer części - BD3533F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD3533F ROHM-BD3533F Datasheet
253Kb / 6P
   Regulator IC for Memory termination
BD3533FVM ROHM-BD3533FVM Datasheet
253Kb / 6P
   Regulator IC for Memory Termination
More results

Podobny opis - BD3533F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3537F ROHM-BD3537F_08 Datasheet
581Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_10 Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3539FVM ROHM-BD3539FVM_10 Datasheet
441Kb / 12P
   Termination Regulators for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3532F ROHM-BD3532F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3531F ROHM-BD3531F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3538F ROHM-BD3538F_08 Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com