Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD3540NUV Arkusz danych(PDF) 11 Page - Rohm

Numer części BD3540NUV
Szczegółowy opis  Nch FET Ultra LDOs for Desktop PCs Chipsets with Power Good
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD3540NUV Arkusz danych(HTML) 11 Page - Rohm

Back Button BD3540NUV Datasheet HTML 7Page - Rohm BD3540NUV Datasheet HTML 8Page - Rohm BD3540NUV Datasheet HTML 9Page - Rohm BD3540NUV Datasheet HTML 10Page - Rohm BD3540NUV Datasheet HTML 11Page - Rohm BD3540NUV Datasheet HTML 12Page - Rohm BD3540NUV Datasheet HTML 13Page - Rohm BD3540NUV Datasheet HTML 14Page - Rohm BD3540NUV Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
BD3540NUV, BD3541NUV
Technical Note
11/16
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Recommended Circuit Example
Component
Recommended
Value
Programming Notes and Precautions
R1/R2
3.9k/3.3k
IC output voltage can be set with a configuration formula using the values for the internal
reference output voltage (VFB)and the output voltage resistors (R1, R2). Select resistance
values that will avoid the impact of the VREF current (±100nA). The recommended total
resistance value is 10KΩ.
C3
22μF
To assure output voltage stability, please be certain the VOUT1 pins and the GND pins are
connected. Output capacitors play a role in loop gain phase compensation and in
mitigating output fluctuation during rapid changes in load level. Insufficient capacitance
may cause oscillation, while high equivalent series reisistance (ESR) will exacerbate
output voltage fluctuation under rapid load change conditions. While a 22μF ceramic
capacitor is recomended, actual stability is highly dependent on temperature and load
conditions. Also, note that connecting different types of capacitors in series may result in
insufficient total phase compensation, thus causing oscillation. In light of this information,
please confirm operation across a variety of temperature and load conditions.
C1
1μF
Input capacitors reduce the output impedance of the voltage supply source connected to
the (VCC) input pins. If the impedance of this power supply were to increase, input voltage
(VCC) could become unstable, leading to oscillation or lowered ripple rejection function.
While a low-ESR 1μF capacitor with minimal susceptibility to temperature is
recommended, stability is highly dependent on the input power supply characteristics and
the substrate wiring pattern. In light of this information, please confirm operation across a
variety of temperature and load conditions.
C2
22μF
Input capacitors reduce the output impedance of the voltage supply source connected to
the (VIN) input pins. If the impedance of this power supply were to increase, input voltage
(VIN) could become unstable, leading to oscillation or lowered ripple rejection function.
While a low-ESR 22μF capacitor with minimal susceptibility to temperature is
recommended, stability is highly dependent on the input power supply characteristics and
the substrate wiring pattern. In light of this information, please confirm operation across a
variety of temperature and load conditions.
C4
0.01μF
The Non Rush Current on Startup (NRCS) function is built into the IC to prevent rush
current from going through the load (VIN to VO) and impacting output capacitors at power
supply start-up. Constant current comes from the NRCS pin when EN is HIGH or the UVLO
function is deactivated. The temporary reference voltage is proportionate to time, due to
the current charge of the NRCS pin capacitor, and output voltage start-up is proportionate
to this reference voltage. Capacitors with low susceptibility to temperature are
recommended, in order to assure a stable soft-start time.
C5
-
This component is employed when the C3 capacitor causes, or may cause, oscillation. It
provides more precise internal phase correction.
R5
100k
It is pull-up resistance of Open Drain pin. 100kΩ is recommended.
R4
Several kΩ
several 10kΩ
It is recommended that a resistance (several kΩ to several 10kΩ) be put in R4, in case
negative voltage is applied in EN pin.
1
2
3
4
10
9
8
7
VOUT1(1.2V)
C3
R2
R1
FB
C4
GND
VCC
C1
EN
C2
VIN
R4
C5
6
5
VCC
R5
C6


Podobny numer części - BD3540NUV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BD354 ETC-BD354 Datasheet
142Kb / 1P
   KREMIKOVE TRANZISTORY PRO VSEOBECNE POUZITI
logo
Shanghai Shunye Electro...
BD354N SHUNYE-BD354N Datasheet
232Kb / 2P
   35 AMP BLOCK DIODES
logo
Thinki Semiconductor Co...
BD354N THINKISEMI-BD354N Datasheet
1Mb / 3P
   35 Ampere Standard Type Negative Block Rectifier Diodes for Automotive Alternators
BD354N THINKISEMI-BD354N Datasheet
1Mb / 3P
   35 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
logo
Shanghai Shunye Electro...
BD354P SHUNYE-BD354P Datasheet
232Kb / 2P
   35 AMP BLOCK DIODES
More results

Podobny opis - BD3540NUV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD3523HFN ROHM-BD3523HFN_09 Datasheet
788Kb / 21P
   Nch FET Ultra LDOs for Desktop PCs
BD35281HFN ROHM-BD35281HFN_11 Datasheet
384Kb / 16P
   Nch FET Ultra LDO for Desktop PCs
BD3506F ROHM-BD3506F_10 Datasheet
534Kb / 15P
   Nch FET Ultra LDO for PC Chipsets
BD3507HFV ROHM-BD3507HFV_10 Datasheet
479Kb / 16P
   Nch FET Ultra LDO for PC Chipsets
BD3509MUV ROHM-BD3509MUV_10 Datasheet
665Kb / 21P
   Nch FET Ultra LDO for PC Chipsets
BD3504FVM ROHM-BD3504FVM_10 Datasheet
549Kb / 17P
   Nch FET Ultra LDO Controllers for PC Chipsets
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
logo
Integrated Device Techn...
ICS954127BF IDT-ICS954127BF Datasheet
57Kb / 1P
   Desktop Chipsets
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
ADM9264 AD-ADM9264_15 Datasheet
189Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com