Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD4153FV Arkusz danych(PDF) 2 Page - Rohm

Numer części BD4153FV
Szczegółowy opis  Power Switch ICs for ExpressCardTM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD4153FV Arkusz danych(HTML) 2 Page - Rohm

  BD4153FV_09 Datasheet HTML 1Page - Rohm BD4153FV_09 Datasheet HTML 2Page - Rohm BD4153FV_09 Datasheet HTML 3Page - Rohm BD4153FV_09 Datasheet HTML 4Page - Rohm BD4153FV_09 Datasheet HTML 5Page - Rohm BD4153FV_09 Datasheet HTML 6Page - Rohm BD4153FV_09 Datasheet HTML 7Page - Rohm BD4153FV_09 Datasheet HTML 8Page - Rohm BD4153FV_09 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
BD4153FV,BD4153EFV
Technical Note
2/17
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Recommended Operating Conditions
BD4153FV/BD4153EFV
Parameter
Symbol
MIN
MAX
Unit
Power Supply Voltage
VCC
3.0
3.6
V
Logic Input Voltage 1
EN
-0.2
3.6
V
Logic Input Voltage 2
CPPE#,CPUSB#,SYSR,PERST_IN#
-0.2
VCC
V
Logic Output Voltage 1
OC
-
3.6
V
Logic Output Voltage 2
PERST#
-
VCC
V
Input Voltage 1
V3_IN
3.0
3.6
V
Input Voltage 2
V3AUX_IN
3.0
VCC
V
Input Voltage 3
V15_IN
1.35
1.65
V
Soft Start Setup Capacitor 1
CSS_V3, CSS_V15
0.001
1.0
μF
Soft Start Setup Capacitor 2
CSS_V3AUX
0.001
0.1
μF
* This product is designed for protection against radioactive rays.
Electrical Characteristics
(unless otherwise noted, Ta=25℃ VCC=3.3V VEN=3.3V V3_IN=V3AUX_IN=3.3V,V15_IN=1.5V)
Parameter
Symbol
Standard Value
Unit
Condition
MIN
TYP
MAX
Standby current
IST
-
35
70
μA
VEN=0V
Bias current 1
Icc1
-
0.25
0.50
mA
VSYSR=0V
Bias current 2
Icc2
-
1.0
2.0
mA
VSYSR=3.3V
[Enable]
High Level Enable Input Voltage
VENHI
2.3
-
5.5
V
Low Level Enable Input Voltage
VENLOW
-0.2
-
0.8
V
Enable Pin Input current
IEN
-
3
10
μA
VEN=3V
[Logic (CPPE#,CPUSB#)]
High Level Logic Input Voltage
VLHI
2.3
-
VCC
V
Low Level Logic Input Voltage
VLLOW
-0.2
-
0.8
V
Logic Pin Input current
IL
-1
0
1
μA
VCPPE#=3.3V or VCPUSB#=3.3V
[Logic (SYSR)]
High Level Logic Input Voltage
VSYSRHI
2.3
-
VCC
V
Low Level Logic Input Voltage
VSYSRLOW
-0.2
-
0.8
V
Logic Pin Input current
ISYSR
6
11
18
μA
VSYSR=3.3V
[Logic (PERST_IN#)]
High Level Logic Input Voltage
VPSTHI
2.3
-
VCC
V
Low Level Logic Input Voltage
VPSTLOW
-0.2
-
0.8
V
Logic Pin Input current
IPST
-18
-11
-6
μA
VPERST_IN#=0V


Podobny numer części - BD4153FV_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD4153FV ROHM-BD4153FV_10 Datasheet
664Kb / 18P
   Power Switch ICs for ExpressCard
More results

Podobny opis - BD4153FV_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD4156MUV ROHM-BD4156MUV_09 Datasheet
506Kb / 24P
   Power Switch for ExpressCardTM
BD4154FV ROHM-BD4154FV_09 Datasheet
462Kb / 16P
   Power Switch IC for ExpressCardTM
logo
STMicroelectronics
STMEC001 STMICROELECTRONICS-STMEC001 Datasheet
245Kb / 19P
   Power interface switch for ExpressCardTM
logo
Rohm
BD4155FV ROHM-BD4155FV_09 Datasheet
482Kb / 17P
   Power Switch IC for ExpressCardTM
BD4157MUV ROHM-BD4157MUV Datasheet
511Kb / 25P
   Power Switch IC for ExpressCardTM
BD4153FV ROHM-BD4153FV_10 Datasheet
664Kb / 18P
   Power Switch ICs for ExpressCard
logo
Panasonic Semiconductor
AN6308 PANASONIC-AN6308 Datasheet
27Kb / 2P
   Analog Switch ICs for VCR
logo
Sanken electric
SPF5017 SANKEN-SPF5017 Datasheet
48Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004 Datasheet
45Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004_06 Datasheet
44Kb / 1P
   High-side Power Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com