Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD4155FV Arkusz danych(PDF) 7 Page - Rohm

Numer części BD4155FV
Szczegółowy opis  Power Switch IC for ExpressCardTM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD4155FV Arkusz danych(HTML) 7 Page - Rohm

Back Button BD4155FV Datasheet HTML 3Page - Rohm BD4155FV Datasheet HTML 4Page - Rohm BD4155FV Datasheet HTML 5Page - Rohm BD4155FV Datasheet HTML 6Page - Rohm BD4155FV Datasheet HTML 7Page - Rohm BD4155FV Datasheet HTML 8Page - Rohm BD4155FV Datasheet HTML 9Page - Rohm BD4155FV Datasheet HTML 10Page - Rohm BD4155FV Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
BD4155FV
Technical Note
7/16
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
BLOCK DIAGRAM
Pin Configration
Pin Function
PIN No
PIN NAME
PIN FUNCTION
1
PLT_RST#
Logic input pin (from HOST)
2
EC_RST#
Logic input pin (from HOST)
3
SYSR
Logic input pin
4
V3_IN1
V3 input pin 1
5
V3_IN2
V3 input pin 2
6
V3_1
V3 output pin 1
7
V3_2
V3 output pin 2
8
PERST#
Logic output pin
9
EC_CLKEN#
Logic input pin (from HOST)
10
GND
GND pin
11
CPUSB#
Logic input pin
12
CPPE#
Logic input pin
13
V15_1
V15 output pin 1
14
V15_2
V15 output pin 2
15
V15_IN1
V15 input pin 1
16
V15_IN2
V15 input pin 2
17
V3AUX
V3AUX output pin
18
V3AUX_IN
V3AUX input pin 1
19
PLL_CLKREQ#
Clock enable signal (to PLL)
20
EC_CLKREQ#
Logic input pin (from CARD)
V3_IN,V3AUX_IN,V15_IN
V3,V3AUX,V15
GND
EC_CLKEN#(from host)
EC_CLKREQ#(from card)
PLL_CLKREQ#(to PLL)
PERST#(to card)
EC_RST#(from host)
PLT_RST#(from host)
V15-2
V15-1 1.5V/625mA
3.3V AUX/275mA
V3-2
V3AUX
V3-1
3.3V/1.30A
VD
TSD,CL,UVLO
TSD,CL,UVLO_AUX
VD
EN,SYSR
CPUSB#
CPPE#
VD
TSD,CL,UVLO
CL
UVLO
UVLO_AUX
V3_IN
V3AUX_IN
V15_IN
Input
logic
Reference
Block
Under
voltage
lock out
Pump
Charge
protection
Thermal
Power
good
TSD
V3AUX_IN
(from host) SYSR
(from card) CPUSB#
(from card) CPPE#
1.5V
3.3V
3.3V
V3_IN
V3_IN2
V3AUX_IN
V15_IN1
V15_IN2
V3AUX_IN
VD
4
5
18
15
16
12
11
3
10
9
20
19
8
2
1
14
13
17
7
6
V3AUX_IN
SSOP-B20 Package
1
2
3
4
5
6
7
8
9
10
PLT_RST#
EC_RST#
SYSR
V3_IN1
V3_IN2
V3_1
V3_2
PERST#
EC_CLKEN#
GND
CPUSB#
CPPE#
V15_1
V15_2
V15_IN1
V15_IN2
V3AUX
V3AUX_IN1
PLL_CLKREQ#
EC_CLKREQ#
20
19
18
17
16
15
14
13
12
11


Podobny numer części - BD4155FV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD4155FV ROHM-BD4155FV Datasheet
399Kb / 6P
   Power switch for ExpressCard
BD4155FV ROHM-BD4155FV Datasheet
473Kb / 17P
   Power Switch IC for ExpressCard
BD4155FV ROHM-BD4155FV_10 Datasheet
473Kb / 17P
   Power Switch IC for ExpressCard
More results

Podobny opis - BD4155FV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD4154FV ROHM-BD4154FV_09 Datasheet
462Kb / 16P
   Power Switch IC for ExpressCardTM
BD4157MUV ROHM-BD4157MUV Datasheet
511Kb / 25P
   Power Switch IC for ExpressCardTM
BD4156MUV ROHM-BD4156MUV_09 Datasheet
506Kb / 24P
   Power Switch for ExpressCardTM
logo
STMicroelectronics
STMEC001 STMICROELECTRONICS-STMEC001 Datasheet
245Kb / 19P
   Power interface switch for ExpressCardTM
logo
Rohm
BD4153FV ROHM-BD4153FV_09 Datasheet
689Kb / 18P
   Power Switch ICs for ExpressCardTM
BD4154FV ROHM-BD4154FV_10 Datasheet
438Kb / 16P
   Power Switch IC for ExpressCard
BD4155FV ROHM-BD4155FV_10 Datasheet
473Kb / 17P
   Power Switch IC for ExpressCard
logo
Fujitsu Component Limit...
MB3841 FUJITSU-MB3841 Datasheet
122Kb / 17P
   Power Management Switch IC
logo
Rohm
BD2204GUL ROHM-BD2204GUL Datasheet
645Kb / 24P
   Power Supply Selector Switch IC for SD Cards
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com