Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD4156MUV Arkusz danych(PDF) 7 Page - Rohm

Numer części BD4156MUV
Szczegółowy opis  Power Switch for ExpressCardTM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD4156MUV Arkusz danych(HTML) 7 Page - Rohm

Back Button BD4156MUV Datasheet HTML 3Page - Rohm BD4156MUV Datasheet HTML 4Page - Rohm BD4156MUV Datasheet HTML 5Page - Rohm BD4156MUV Datasheet HTML 6Page - Rohm BD4156MUV Datasheet HTML 7Page - Rohm BD4156MUV Datasheet HTML 8Page - Rohm BD4156MUV Datasheet HTML 9Page - Rohm BD4156MUV Datasheet HTML 10Page - Rohm BD4156MUV Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Technical Note
7/23
BD4156MUV
www.rohm.com
2009.05 - Rev.A
c
2009 ROHM Co., Ltd. All rights reserved.
Description of block operation
EN
With an input of 2.0 volts or higher, this terminal goes HIGH to activate the circuit, and goes LOW to deactivate the circuit
(with the standby circuit current of 40 μA), It discharges each output and lowers output voltage when the input falls to 0.8 volts
or less.
V3_IN, V15_IN, and V3AUX_IN
These are the input terminals for each channel of a 3ch switch. V3_IN and V15_IN terminals have two pins each, which
should be short-circuited on the pc board with a thick conductor. A large current runs through these three terminals : (V3_IN:
1.35A; V3AUX_IN: 0.275 A; and V15_IN: 0.625 A). In order to lower the output impedance of the connected power supply, it
is recommended that ceramic capacitors (with B-type characteristics or better) be provided between these terminals and the
ground. Specifically, the capacitors should be on the order of 1 μF between V3_IN and GND, and between V15_IN and GND;
and on the order of 0.1 μF between V3AUX_IN and GND.
V3, V15, and V3AUX
These are the output terminals for each switch.
The V3 and V15 terminals have two pins each, which should be
short-circuited on the PC board and connected to an ExpressCard connector with a thick conductor, as short as possible. In
order to stabilize the output, it is recommended that ceramic capacitors (with B-type characteristics or better) be provided
between these terminals and the ground. Specifically, the capacitors should be on the order of 10 μF between V3 and GND,
and between V15 and GND; and on the order of 1 μF between V3AUX and GND.
CPPE#
This pin is used to find whether or not a PCI-Express signal compatible card is present. Turns to “High” level with an input of
2.0 volts or higher, which means that no card is provided, while it turns to “Low” level when the input is lowered to 0.8 volts or
less, which means that a card is provided. Controls the ON/OFF, switch selecting the proper mode based on the status of
the system.Pull up resistance (100kΩ~200kΩ) is built into, so the number of components is reduced.
CPUSB#
This pin is used to find whether or not a USB2.0 signal compatible card is present. Turns to “High” level with an input of 2.0
volts or higher, which means that no card is provided, while it turns to “Low” level when the input is lowered to 0.8 volts or less,
which means that a card is provided. Controls the ON/OFF switch, selecting the proper mode based on the system status.
Pull up resistance (100kΩ~200kΩ) is built into, so the number of components is reduced.
SYSR
This pin is used to detect the system status. Turns to “High” level with an input of 2.0 volts or higher, which means that the
system is activated, while it turns to “Low” level when the input is lowered to 0.8 volts or less, which means that the system is
on standby.
PERST_IN#
This pin is used to control the reset signal (PERST#) to a card from the system side. (Also referred to as “SysReset#” by
PCMCIA.) Turns to “High” level with an input of 2.0 volts or higher, and sets PERST# to “High” AND with a “Power Good”
output. Turns to “Low” level and sets PERST# to “Low” when the input falls to 0.8 volts or less.
PERST#
This pin is used to send a reset signal to a PCI-Express compatible card. Reset status is determined by the outputs,
PERST_IN#, CPPE# system status, and EN on/off status. Turns to “High” level and activates the PCI-Express compatible
card only if each output is within the “Power Good” threshold, with the card inserted and PERST_IN# turned to “High” level.
RCLKEN
This pin is used to send an enable signal to the reference clock. Activation status is determined by the outputs, CPPE#
system status, and EN on/off status. Turns to “High” level and activates the reference clock PLL only if each output is within
the “Power Good” threshold, with the card kept inserted.
TEST
This pin is used to test, which should be short-circuited to the GND. When it is short-circuited to V3AUX_IN, UVLO (V3_IN,
V15_IN) turns OFF.


Podobny numer części - BD4156MUV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD4153EFV ROHM-BD4153EFV Datasheet
295Kb / 6P
   Power switch for ExpressCard
BD4153EFV ROHM-BD4153EFV Datasheet
689Kb / 18P
   Power Switch ICs for ExpressCardTM
BD4153EFV ROHM-BD4153EFV Datasheet
664Kb / 18P
   Power Switch ICs for ExpressCard
BD4153FV ROHM-BD4153FV Datasheet
275Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV Datasheet
689Kb / 18P
   Power Switch ICs for ExpressCardTM
More results

Podobny opis - BD4156MUV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD4154FV ROHM-BD4154FV_09 Datasheet
462Kb / 16P
   Power Switch IC for ExpressCardTM
logo
STMicroelectronics
STMEC001 STMICROELECTRONICS-STMEC001 Datasheet
245Kb / 19P
   Power interface switch for ExpressCardTM
logo
Rohm
BD4155FV ROHM-BD4155FV_09 Datasheet
482Kb / 17P
   Power Switch IC for ExpressCardTM
BD4153FV ROHM-BD4153FV_09 Datasheet
689Kb / 18P
   Power Switch ICs for ExpressCardTM
BD4157MUV ROHM-BD4157MUV Datasheet
511Kb / 25P
   Power Switch IC for ExpressCardTM
logo
Global Mixed-mode Techn...
G529 GMT-G529 Datasheet
103Kb / 1P
   Power Switch for MHL
logo
Rohm
BD4153FV ROHM-BD4153FV Datasheet
275Kb / 6P
   Power switch for ExpressCard
BD4155FV ROHM-BD4155FV Datasheet
399Kb / 6P
   Power switch for ExpressCard
BD4153EFV ROHM-BD4153EFV Datasheet
295Kb / 6P
   Power switch for ExpressCard
BD4154FV ROHM-BD4154FV Datasheet
381Kb / 6P
   Power switch for ExpressCard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com