Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA0246A Arkusz danych(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA0246A
Szczegółowy opis  SAW Filter 1960 MHz for Mobile Communication
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0246A Arkusz danych(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0246A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0246A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0246A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0246A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0246A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0246A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0246A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
C. OUTLINE DRAWING:
Pin configuration
G
: Unbalance input
C,D : Balance output
B,E : Ground
:
Year code (2004->4, 2005->5,…, 2009->9)
:
Date code
Unit : mm
F
F


Podobny numer części - TA0246A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Golledge Electronics Lt...
TA0246A GOLLEDGE-TA0246A Datasheet
420Kb / 5P
   SAW Filter 1960.0MHz
More results

Podobny opis - TA0246A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA0319A TAI-SAW-TA0319A Datasheet
388Kb / 6P
   SAW Filter 1960 MHz for Mobile Communication
TA0175B TAI-SAW-TA0175B Datasheet
430Kb / 7P
   SAW Filter 1960 MHz for Mobile Communication
logo
EPCOS
B4223 EPCOS-B4223 Datasheet
135Kb / 11P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960 MHz
B9203 EPCOS-B9203 Datasheet
85Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 1960 / 881,5 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0206A TAI-SAW-TA0206A Datasheet
557Kb / 6P
   SAW Filter 1842.5 MHz for Mobile Communication
TA0218A TAI-SAW-TA0218A Datasheet
402Kb / 7P
   SAW Filter 942.5 MHz for Mobile Communication
TA0401B TAI-SAW-TA0401B Datasheet
729Kb / 8P
   SAW Filter 1950 MHz for Mobile Communication
TA0685A TAI-SAW-TA0685A Datasheet
387Kb / 9P
   SAW Filter 1747.5 MHz for Mobile Communication
TA0231A TAI-SAW-TA0231A Datasheet
398Kb / 7P
   SAW Filter 942.5 MHz for Mobile Communication
TA0219A TAI-SAW-TA0219A Datasheet
386Kb / 7P
   SAW Filter 1842.5 MHz for Mobile Communication
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com