Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

5V7855-DPK Arkusz danych(PDF) 11 Page - Integrated Device Technology

Numer części 5V7855-DPK
Szczegółowy opis  EEPROM Programmable PLL Die for LVCMOS Crystal Oscillator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

5V7855-DPK Arkusz danych(HTML) 11 Page - Integrated Device Technology

Back Button 5V7855-DPK Datasheet HTML 6Page - Integrated Device Technology 5V7855-DPK Datasheet HTML 7Page - Integrated Device Technology 5V7855-DPK Datasheet HTML 8Page - Integrated Device Technology 5V7855-DPK Datasheet HTML 9Page - Integrated Device Technology 5V7855-DPK Datasheet HTML 10Page - Integrated Device Technology 5V7855-DPK Datasheet HTML 11Page - Integrated Device Technology 5V7855-DPK Datasheet HTML 12Page - Integrated Device Technology 5V7855-DPK Datasheet HTML 13Page - Integrated Device Technology 5V7855-DPK Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
IDT5V7855-DPK REVISION A MARCH 11, 2010
11
©2010 Integrated Device Technology, Inc.
IDT5V7855 Data Sheet
EEPROM PROGRAMMABLE PLL DIE FOR LVCMOS CRYSTAL OSCILLATOR
Parameter Measurement Information
3.3V Output Load AC Test Circuit
Cycle-to-Cycle Jitter
Output Duty Cycle/Pulse Width/Period
2.5V Output Load AC Test Circuit
Period Jitter
Output Rise/Fall Time
SCOPE
Qx
LVCMOS
GND
VDD
1.65V±0.15V
1.65V±0.15V
OUT
tcycle n
tcycle n+1
tjit(cc) =
|tcycle n – tcycle n+1|
1000 Cycles
OUT
t
PERIOD
t
PW
t
PERIOD
odc =
V
DD
2
x 100%
t
PW
SCOPE
Qx
LVCMOS
GND
1.25V±0.15V
VDD
-1.25V±0.15V
VOH
VREF
VOL
Mean Period
(First edge after trigger)
Reference Point
(Trigger Edge)
1
σ contains 68.26% of all measurements
2
σ contains 95.4% of all measurements
3
σ contains 99.73% of all measurements
4
σ contains 99.99366% of all measurements
6
σ contains (100-1.973x10-7)% of all measurements
Histogram
20%
80%
80%
20%
tR
t F
OUT


Podobny opis - 5V7855-DPK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
CY2037 CYPRESS-CY2037_08 Datasheet
264Kb / 11P
   High-Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037 CYPRESS-CY2037 Datasheet
86Kb / 7P
   High Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037 CYPRESS-CY2037_09 Datasheet
276Kb / 11P
   High-Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037 CYPRESS-CY2037_07 Datasheet
284Kb / 10P
   High - Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2048WAF CYPRESS-CY2048WAF Datasheet
79Kb / 7P
   Flash Programmable Capacitor Tuning Array Die for Crystal Oscillator(XO)
logo
Epson Company
SG-8003CE-SCM EPSON-SG-8003CE-SCM Datasheet
535Kb / 2P
   CRYSTAL OSCILLATOR PROGRAMMABLE
logo
Abracon Corporation
AP2S ABRACON-AP2S Datasheet
1Mb / 2P
   PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
AP3S ABRACON-AP3S Datasheet
3Mb / 2P
   PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
logo
EPCOS
SG-8002CA-PCM EPCOS-SG-8002CA-PCM Datasheet
516Kb / 5P
   CRYSTAL OSCILLATOR PROGRAMMABLE
logo
Renesas Technology Corp
IDT5T9890 RENESAS-IDT5T9890 Datasheet
496Kb / 38P
   EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL CLOCK DRIVER
March 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com