Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA0486A Arkusz danych(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA0486A
Szczegółowy opis  SAW Filter 285MHz SMD 5.0횞5.0 mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0486A Arkusz danych(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0486A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0486A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0486A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0486A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0486A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 285 MHz
MODEL NO.: TA0486A
REV. NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 0 dBm
2.DC voltage: 5 V
3.Operating Temperature: -10
°C to +50°C
4.Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Characteristics
Specification
Note
Unit
Min.
Typ.
Max.
Center frequency
FC
(MHz)
-
285
-
1
I.L. (Within FC± 4 MHz)
(dB )
-
2.5
4.5
Pass band BW3dB
(MHz)
8.0
12
-
1
Ripple( Within FC ± 4MHz)
(dB )
-
1.2
2.0
1
Attenuation:( Reference level from 0
dB)
FC - 100MHz to -37.5MHz
(dB )
48
52
-
1
FC +37.5MHz to + 100MHz
(dB )
48
52
-
Impedance at FC ;
Input
ZIN =RIN//CIN
150
Ω // 0 Pf
2
Output
ZOUT =ROUT//COUT
150
Ω // 0 Pf
2
Note1. The standard definitions is in JIS C 6703
Note2.
Z
IN =1 5 0Ω // 0 p F
Z
OUT=150 Ω // 0 p F
Source im pedance
50
Load impedance
50
RoHS Compliant
Lead free
Lead-free soldering


Podobny numer części - TA0486A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA0489A TAI-SAW-TA0489A Datasheet
263Kb / 6P
   SAW Filter 403.5MHz SMD 3.8횞3.8 mm
More results

Podobny opis - TA0486A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA0422A TAI-SAW-TA0422A Datasheet
695Kb / 5P
   SAW Filter 230.4MHz SMD 5.0횞5.0 mm
TA0693A TAI-SAW-TA0693A Datasheet
286Kb / 6P
   SAW Filter 435MHz SMD 5.0횞5.0 mm
TA0437A TAI-SAW-TA0437A Datasheet
444Kb / 5P
   SAW Filter 169MHz SMD 5.0횞5.0 mm
TB0705A TAI-SAW-TB0705A Datasheet
293Kb / 7P
   SAW Filter 453MHz (SMD 5.0횞5.0 mm)
TB0704A TAI-SAW-TB0704A Datasheet
290Kb / 7P
   SAW Filter 420MHz (SMD 5.0횞5.0 mm)
TB0703A TAI-SAW-TB0703A Datasheet
425Kb / 7P
   SAW Filter 280MHz (SMD 5.0횞5.0 mm)
TA0369A TAI-SAW-TA0369A Datasheet
523Kb / 5P
   SAW Filter 220MHz SMD 5.0횞5.0 mm
TA0526A TAI-SAW-TA0526A Datasheet
226Kb / 7P
   SAW Filter 415.4MHz SMD 5.0횞5.0 mm
TA0342A TAI-SAW-TA0342A Datasheet
703Kb / 6P
   SAW Filter 713MHz SMD 5.0횞5.0 mm
TA0461A TAI-SAW-TA0461A Datasheet
484Kb / 5P
   SAW Filter 184MHz SMD 5.0횞5.0 mm
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com