Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuC7039BCP6Z-RL Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADuC7039BCP6Z-RL
Szczegółowy opis  Integrated, Precision Battery Sensor for Automotive Systems
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuC7039BCP6Z-RL Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADuC7039BCP6Z-RL Datasheet HTML 6Page - Analog Devices ADuC7039BCP6Z-RL Datasheet HTML 7Page - Analog Devices ADuC7039BCP6Z-RL Datasheet HTML 8Page - Analog Devices ADuC7039BCP6Z-RL Datasheet HTML 9Page - Analog Devices ADuC7039BCP6Z-RL Datasheet HTML 10Page - Analog Devices ADuC7039BCP6Z-RL Datasheet HTML 11Page - Analog Devices ADuC7039BCP6Z-RL Datasheet HTML 12Page - Analog Devices ADuC7039BCP6Z-RL Datasheet HTML 13Page - Analog Devices ADuC7039BCP6Z-RL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
ADuC7039
Rev. 0 | Page 10 of 88
Pin No.
Mnemonic
Type1
Description
21
GPIO_0/SS
I/O
General-Purpose Digital I/O 0, or SPI Interface. By default, this pin is configured as an input. The
pin has an internal, weak, pull-up resistor and, when not in use, can be left unconnected. This
multifunction pin can be configured in one of two states, namely
General-Purpose Digital I/O 0.
SPI interface, slave select input.
22
GPIO_1/SCLK
I/O
General-Purpose Digital I/O 1 or SPI Interface. By default, this pin is configured as an input. The pin
has an internal, weak, pull-up resistor and, when not in use, can be left unconnected. This
multifunction pin can be configured in one of two states, namely
General-Purpose Digital I/O 1.
SPI interface, serial clock input.
23
GPIO_2/MISO
I/O
General-Purpose Digital I/O 2 or SPI Interface. By default, this pin is configured as an input. The pin
has an internal, weak, pull-up resistor and, when not in use, can be left unconnected. This
multifunction pin can be configured in one of two states, namely
General-Purpose Digital I/O 2.
SPI interface, master input/slave output pin.
24
GPIO_3/MOSI
I/O
General-Purpose Digital I/O 3 or SPI Interface. By default, this pin is configured as an input. The pin
has an internal, weak, pull-up resistor and, when not in use, can be left unconnected. This
multifunction pin can be configured in one of two states, namely
General-Purpose Digital I/O 3.
SPI interface, master output/slave input pin.
25
GPIO_4
I/O
General-Purpose I/O 4. By default, this pin is configured as an input. The pin has an internal, weak,
pull-up resistor and when not in use, can be left unconnected.
26
NC
No Connect. This pin is not internally connected, but is reserved for possible future use. Therefore,
do not externally connect this pin.
27
VDD
S
Battery Power Supply to On-Chip Regulator.
28
VBAT
I
Battery Voltage Input to Resistor Divider.
29
LIN
I/O
LIN Serial Interface Input/Output Pin.
30
IO_VSS
S
Ground Reference for LIN Pin.
31
VSS
S
Ground Reference. This is the ground reference for the internal voltage regulators.
32
GPIO_5
I/O
General-Purpose I/O 5. By default, this pin is configured as an input. The pin has an internal, weak,
pull-up resistor and when not in use, can be left unconnected.
EPAD
EPAD
The exposed pad is internally connected to DGND.
1 I = input, O = output, S = supply.


Podobny numer części - ADuC7039BCP6Z-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUC7030 AD-ADUC7030 Datasheet
864Kb / 150P
   Integrated Precision Battery Sensor For Automotive
Rev. PrE
ADUC7032 AD-ADUC7032 Datasheet
910Kb / 128P
   MicroConverter Integrated, Precision Battery Sensor
Rev. PrD
ADUC7032-8L AD-ADUC7032-8L Datasheet
1Mb / 120P
   Integrated Precision Battery Sensor for Automotive System
Rev. A
ADUC7032-8L AD-ADUC7032-8L_15 Datasheet
1Mb / 120P
   Integrated Precision Battery Sensor for Automotive System
Rev. A
ADUC7032 AD-ADUC7032_15 Datasheet
911Kb / 128P
   MicroConverter Integrated, Precision Battery Sensor
Rev. PrD
More results

Podobny opis - ADuC7039BCP6Z-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUCM342 AD-ADUCM342 Datasheet
477Kb / 17P
   Integrated, Precision Battery Sensor for Automotive Systems
Rev. 0
ADUCM330WFS AD-ADUCM330WFS Datasheet
360Kb / 17P
   Integrated, Precision Battery Sensor for Automotive Systems
ADUC7030 AD-ADUC7030 Datasheet
864Kb / 150P
   Integrated Precision Battery Sensor For Automotive
Rev. PrE
ADUC7036 AD-ADUC7036 Datasheet
935Kb / 140P
   Integrated Precision Battery Sensor for Automotive
Rev. PrA
ADUC7034 AD-ADUC7034 Datasheet
847Kb / 142P
   Integrated Precision Battery Sensor for Automotive
Rev. Pr.A
ADUC7036BCPZ AD-ADUC7036BCPZ Datasheet
1Mb / 132P
   Integrated Precision Battery Sensor for Automotive
REV. C
ADUC7033 AD-ADUC7033_15 Datasheet
1Mb / 140P
   Integrated, Precision Battery Sensor for Automotive
Rev. B
ADUC7036BCPZ AD-ADUC7036BCPZ Datasheet
1Mb / 132P
   Integrated Precision Battery Sensor for Automotive
REV. C
ADUC7032-8L AD-ADUC7032-8L_15 Datasheet
1Mb / 120P
   Integrated Precision Battery Sensor for Automotive System
Rev. A
ADUC7032 AD-ADUC7032_15 Datasheet
911Kb / 128P
   MicroConverter Integrated, Precision Battery Sensor
Rev. PrD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com