Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS620 Datasheet(Arkusz danych) 9 Page - Analog Devices

Numer części ADXRS620
Szczegółowy opis  ±300°/sec Yaw Rate Gyro
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 9 page
background image
ADXRS620
Rev. 0 | Page 9 of
12
()
THEORY OF OPERATION
Figure 22 shows the effect of adding a 250 Hz filter to the output
of an ADXRS620 set to 40 Hz bandwidth (as shown in Figure 21).
High frequency demodulation artifacts are attenuated by
approximately 18 dB.
The ADXRS620 operates on the principle of a resonator gyro.
Two polysilicon sensing structures each contain a dither frame
that is electrostatically driven to resonance, producing the
necessary velocity element to produce a Coriolis force during
angular rate. At two of the outer extremes of each frame,
orthogonal to the dither motion, are movable fingers that are
placed between fixed pickoff fingers to form a capacitive pickoff
structure that senses Coriolis motion. The resulting signal is fed
to a series of gain and demodulation stages that produces the
electrical rate signal output. The dual-sensor design rejects
external g-forces and vibration. Fabricating the sensor with the
signal conditioning electronics preserves signal integrity in
noisy environments.
0.1
0.01
0.000001
0.00001
0.0001
0.001
10
100k
1k
100
FREQUENCY (Hz)
10k
The electrostatic resonator requires 18 V to 20 V for operation.
Because only 5 V are typically available in most applications,
a charge pump is included on chip. If an external 18 V to 20 V
supply is available, the two capacitors on CP1 through CP4 can
be omitted and this supply can be connected to CP5 (Pin 6D,
Pin 7D). Note that CP5 should not be grounded when power is
applied to the ADXRS620. Although no damage occurs, under
certain conditions the charge pump may fail to start up after the
ground is removed without first removing power from the
ADXRS620.
Figure 22. Noise Spectral Density with Additional 250 Hz Filter
TEMPERATURE OUTPUT AND CALIBRATION
It is common practice to temperature-calibrate gyros to improve
their overall accuracy. The ADXRS620 has a temperature propor-
tional voltage output that provides input to such a calibration
method. The temperature sensor structure is shown in Figure 23.
The temperature output is characteristically nonlinear, and any
load resistance connected to the TEMP output results in decreasing
the TEMP output and temperature coefficient. Therefore, buf-
fering the output is recommended.
SETTING BANDWIDTH
External Capacitor COUT is used in combination with the on-
chip ROUT resistor to create a low-pass filter to limit the
bandwidth of the ADXRS620 rate response. The −3 dB
frequency set by ROUT and COUT is
OUT
OUT
UT
O
C
R
f
×
×
×
=
π
2
1
The voltage at the TEMP pin (3F, 3G) is nominally 2.5 V at 25°C,
and VRATIO = 5 V. The temperature coefficient is ~9 mV/°C at
25°C. Although the TEMP output is highly repeatable, it has
only modest absolute accuracy.
This frequency can be well controlled because ROUT has been
trimmed during manufacturing to be 180 kΩ ± 1%. Any
external resistor applied between the RATEOUT pin (1B, 2A)
and SUMJ pin (1C, 2C) results in
VRATIO
VTEMP
RFIXED
RTEMP
(
)
()
EXT
UT
O
R
R
+
=
180
EXT
R
×
180
Figure 23. Temperature Sensor Structure
CALIBRATED PERFORMANCE
In general, an additional hardware or software filter is added
to attenuate high frequency noise arising from demodulation
spikes at the gyro’s 14 kHz resonant frequency. (The noise spikes
at 14 kHz can be clearly seen in the power spectral density curve
shown in Figure 21). Typically, this additional filter’s corner
frequency is set to greater than 5× the required bandwidth to
preserve good phase response.
Using a three-point calibration technique, it is possible to
calibrate the null and sensitivity drift of the ADXRS620 to
an overall accuracy of nearly 200°/hour. An overall accuracy
of 40°/hour or better is possible using more points.
Limiting the bandwidth of the device reduces the flat-band
noise during the calibration process, improving the measure-
ment accuracy at each calibration point.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl