Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS620WBBGZA-RL Datasheet(Arkusz danych) 10 Page - Analog Devices

Numer części ADXRS620WBBGZA-RL
Szczegółowy opis  ±300°/sec Yaw Rate Gyro
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 10 page
background image
ADXRS620
Rev. 0 | Page 10 of 1
2
ADXRS620 AND SUPPLY RATIOMETRICITY
The ADXRS620 RATEOUT and TEMP signals are ratiometric
to the VRATIO voltage, that is, the null voltage, rate sensitivity, and
temperature outputs are proportional to VRATIO. Thus, the
ADXRS620 is most easily used with a supply-ratiometric ADC
that results in self-cancellation of errors due to minor supply
variations. There is some small error due to nonratiometric
behavior. Typical ratiometricity error for null, sensitivity, self-
test, and temperature output is outlined in Table 4.
Note that VRATIO must never be greater than AVCC.
Table 4. Ratiometricity Error for Various Parameters
Parameter
VS = VRATIO = 4.85 V
VS = VRATIO = 5.15 V
ST1
Mean
0.3%
0.09%
Sigma
0.21%
0.19%
ST2
Mean
−0.15%
−0.2%
Sigma
0.22%
0.2%
Null
Mean
−0.3%
−0.05%
Sigma
0.2%
0.08%
Sensitivity
Mean
0.003%
−0.25%
Sigma
0.06%
0.06%
VTEMP
Mean
−0.2%
−0.04%
Sigma
0.05%
0.06%
NULL ADJUSTMENT
The nominal 2.5 V null is for a symmetrical swing range at
RATEOUT (1B, 2A). However, a nonsymmetrical output swing
may be suitable in some applications. Null adjustment is possible
by injecting a suitable current to SUMJ (1C, 2C). Note that supply
disturbances may reflect some null instability. Digital supply
noise should be avoided, particularly in this case.
SELF-TEST FUNCTION
The ADXRS620 includes a self-test feature that actuates each of
the sensing structures and associated electronics as if subjected
to angular rate. It is activated by standard logic high levels applied
to Input ST1 (5F, 5G), Input ST2 (4F, 4G), or both. ST1 causes
the voltage at RATEOUT to change about −0.450 V, and ST2
causes an opposite change of +0.450 V. The self-test response
follows the viscosity temperature dependence of the package
atmosphere, approximately 0.25%/°C.
Activating both ST1 and ST2 simultaneously is not damaging.
ST1 and ST2 are fairly closely matched (±5%), but actuating
both simultaneously may result in a small apparent null bias
shift proportional to the degree of self-test mismatch.
ST1 and ST2 are activated by applying a voltage equal to VRATIO
to the ST1 and ST2 pins. The voltage applied to ST1 and ST2
must never be greater than AVCC.
CONTINUOUS SELF-TEST
The on-chip integration of the ADXRS620 gives it higher reliability
than is obtainable with any other high volume manufacturing
method. In addition, it is manufactured under a mature BiMOS
process with field-proven reliability. As an additional failure
detection measure, a power-on self-test can be performed.
However, some applications may warrant continuous self-test
while sensing rate. Details outlining continuous self-test techniques
are also available in the AN-768 Application Note at analog.com.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl