Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA0680A Arkusz danych(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA0680A
Szczegółowy opis  SAW Filter 867.5MHz SMD 2.5X2.0 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0680A Arkusz danych(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0680A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0680A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0680A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0680A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0680A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0680A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0680A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 867.5 MHz
MODEL NO.: TA0680A
REV. NO.:1.0
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 3 V
3.Operating Temperature: -30
°C to +85°C
4.Storage Temperature: -40
°C to +95°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency
Fc
(dB)
-
867.5
-
Insertion loss within 860 ~875 MHz
IL
(dB)
-
2.3
3.5
Amplitude ripple (p-p) within 860 ~ 875 MHz
(dB)
-
0.6
1.5
Attenuation (Reference level from 0 dB)
100 ~ 815
MHz
(dB)
40
48
-
815 ~ 830
MHz
(dB)
38
45
-
898 ~ 901
MHz
(dB)
15
24
-
915 ~ 925
MHz
(dB)
30
42
-
925 ~ 2330
MHz
(dB)
28
38
-
2330 ~ 3000
MHz
(dB)
20
31
-
VSWR within 860 ~875 MHz
-
1.5
2
Source impedance
Zs
(
Ω)
-
50
-
Load impedance
ZL
(
Ω)
-
50
-
Note1. No matching network required for operation at 50
C. MEASUREMENT CIRCUIT:
RoHS Compliant
Lead free
Lead-free soldering
50Ω
50Ω


Podobny numer części - TA0680A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA0682A TAI-SAW-TA0682A Datasheet
446Kb / 8P
   SAW Filter 1720 MHz SMD 3.0X3.0 mm
logo
Golledge Electronics Lt...
TA0682A GOLLEDGE-TA0682A Datasheet
316Kb / 7P
   SAW Filter 1720.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0685A TAI-SAW-TA0685A Datasheet
387Kb / 9P
   SAW Filter 1747.5 MHz for Mobile Communication
TA0688A TAI-SAW-TA0688A Datasheet
302Kb / 7P
   SAW Filter 1575.42 MHz SMD 2.0X1.4 mm
logo
Golledge Electronics Lt...
TA0688A GOLLEDGE-TA0688A Datasheet
121Kb / 6P
   SAW Filter 1575.42MHz
More results

Podobny opis - TA0680A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA0402A TAI-SAW-TA0402A Datasheet
497Kb / 7P
   SAW Filter 2140MHz SMD 2.5X2.0 mm
TA0788A TAI-SAW-TA0788A Datasheet
572Kb / 8P
   SAW Filter 1642.5MHz SMD 2.5X2.0 mm
TA0426A TAI-SAW-TA0426A Datasheet
507Kb / 7P
   SAW Filter 1642.5MHz SMD 2.5X2.0 mm
TA0656A TAI-SAW-TA0656A Datasheet
327Kb / 7P
   SAW Filter 1747.5MHz SMD 2.5X2.0 mm
TA0207A TAI-SAW-TA0207A Datasheet
537Kb / 6P
   SAW Filter 1960MHz SMD 2.5X2.0 mm
TA0401A TAI-SAW-TA0401A Datasheet
601Kb / 7P
   SAW Filter 1950MHz SMD 2.5X2.0 mm
TA0547A TAI-SAW-TA0547A Datasheet
1,012Kb / 7P
   SAW Filter 867.5MHz SMD 3.0횞3.0mm
TA0425A TAI-SAW-TA0425A Datasheet
348Kb / 8P
   SAW Filter 1542.5 MHz SMD 2.5X2.0 mm
TA0531A TAI-SAW-TA0531A Datasheet
502Kb / 7P
   SAW Filter 1575.42 MHz SMD 2.5X2.0 mm
TA0295A TAI-SAW-TA0295A Datasheet
566Kb / 7P
   SAW Filter 1575.42 MHz SMD 2.5X2.0 mm
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com