Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDXXKA5WFP Arkusz danych(PDF) 7 Page - Rohm

Numer części BDXXKA5WFP
Szczegółowy opis  500mA Secondary LDO Regulators for Local Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BDXXKA5WFP Arkusz danych(HTML) 7 Page - Rohm

Back Button BDXXKA5WFP Datasheet HTML 2Page - Rohm BDXXKA5WFP Datasheet HTML 3Page - Rohm BDXXKA5WFP Datasheet HTML 4Page - Rohm BDXXKA5WFP Datasheet HTML 5Page - Rohm BDXXKA5WFP Datasheet HTML 6Page - Rohm BDXXKA5WFP Datasheet HTML 7Page - Rohm BDXXKA5WFP Datasheet HTML 8Page - Rohm BDXXKA5WFP Datasheet HTML 9Page - Rohm BDXXKA5WFP Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
BD□□KA5,BD□□KA5W Series,BD00KA5W Series
Technical Note
7/9
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Other Caution
Protection Circuits
Over-current Protection Circuit
A built-in over-current protection circuit corresponding to the current capacity prevents the destruction of the IC when
there are load shorts. This protection circuit is a “7”-shaped current control circuit that is designed such that the current
is restricted and does not latch even when a large current momentarily flows through the system with a high-capacitance
capacitor. However, while this protection circuit is effective for the prevention of destruction due to unexpected accidents,
it is not suitable for continuous operation or transient use. Please be aware when creating thermal designs that the
over-current protection circuit has negative current capacity characteristics with regard to temperature.
Thermal Shutdown Circuit (Thermal Protection)
This system has a built-in temperature protection circuit for the purpose of protecting the IC from thermal damage. As
shown in Fig. 20-22, this must be used within the range of acceptable loss, but if the acceptable loss is continuously
exceeded, the chip temperature Tj increases, causing the thermal shutdown circuit to operate. When the thermal
shutdown circuit operates, the operation of the circuit is suspended. The circuit resumes operation immediately after the
chip temperature Tj decreases, so the output repeats the ON and OFF states (Please refer to Figs.12 for the temperatures
at which the temperature protection circuit operates).
There are cases in which the IC is destroyed due to thermal runaway when it is left in the overloaded state. Be sure to
avoid leaving the IC in the overloaded state.
Reverse Current
In order to prevent the destruction of the IC when a reverse current flows through the IC, it is recommended that a diode
be placed between the Vcc and Vo and a pathway be created so that the current can escape (Refer to Fig.27).
This IC is BI-CMOS IC that has a P-board (substrate) and P+ isolation between each element, as shown in Fig.28. A P-N
junction is formed between this P-layer and the N-layer of each element, and the P-N junction operates as :
- a parasitic diode when the electric potential relationship is GND> Terminal A, GND> Terminal B, or
- a parasitic transistor when the electric potential relationship is Terminal B > GND> Terminal A.
Parasitic elements are structurally inevitable in the IC. The operation of parasitic elements induces mutual interference
between circuits, causing malfunctions and eventually the destruction of the IC. Take precaution as not to use the IC in
ways that would cause parasitic elements to operate. For example, applying a voltage that is lower than the GND
(P-board) to the input terminal.
Fig. 28 : Basic structure example
Reverse current
OUT
Vcc
CTL
GND
Fig.27 : Bypass diode
GND
N
P
N
P+
P+
Parasitic element
or transistor
(Pin B)
B
E
Transistor (NPN)
N
P
N
GND
O
(Pin A)
GND
N
P+
Resistor
Parasitic element
P
N
P
P+
N
(Pin A)
Parasitic element
or transistor
(Pin B)
GND
C
B
E
Parasitic element
GND


Podobny numer części - BDXXKA5WFP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BDXXKA5WFP ROHM-BDXXKA5WFP Datasheet
324Kb / 6P
   Low ESR Capacitor Built in shut down SW, Low Dropout 500mA Regulator IC
More results

Podobny opis - BDXXKA5WFP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD10KASWFP ROHM-BD10KASWFP Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BAXXBC0 ROHM-BAXXBC0_10 Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BAXXJC5 ROHM-BAXXJC5_09 Datasheet
381Kb / 10P
   1.5A Secondary LDO Regulators for Local Power Supplies
BA15NC0WT ROHM-BA15NC0WT Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com