Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU1573KV Arkusz danych(PDF) 3 Page - Rohm

Numer części BU1573KV
Szczegółowy opis  Real Time Video Processor ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU1573KV Arkusz danych(HTML) 3 Page - Rohm

  BU1573KV Datasheet HTML 1Page - Rohm BU1573KV Datasheet HTML 2Page - Rohm BU1573KV Datasheet HTML 3Page - Rohm BU1573KV Datasheet HTML 4Page - Rohm BU1573KV Datasheet HTML 5Page - Rohm BU1573KV Datasheet HTML 6Page - Rohm BU1573KV Datasheet HTML 7Page - Rohm BU1573KV Datasheet HTML 8Page - Rohm BU1573KV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BU1572GUW, BU1573KV, BU1574KU
Technical Note
3/12
www.rohm.com
2009.04- Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
●Terminal functions (BU1572GUW/BU1573KV)
PIN
No.
PIN
Name
Interface Type *1
In/Out
Active
Level
Init
Description
In/output
type
TYPE 1
TYPE 2
1
LCDVSI
LCDVSI
LCDVSI
In
*
-
Vertical timing input
C *1
2
N.C.*2
-
-
-
-
-
-
-
3
LCDHSI/
LCDRS01
*3
LCDHSI
In
*
-
Horizontal timing input/
Register select input signal 0
C *1
4
LCDCSBI/
SDA
LCDCSBI
SDA
In/Out
Low/
DATA
In
Chip select input signal /
In/output serial data
G
5
LCDWRDBI/
SDC
LCDWRBI
SDC
In
Low/
CLK
-
Write enable input signal /
In/output serial clock
D *1
6
LCDRDBI/
I2CDEV0
LCDRDBI
I2CDEV0
In
Low/ *
-
Read enable input signal /
I2C device address setting
D *1
7
LCDDI0
LCDDI0
LCDDI0
In/Out
DATA
In
Data input:
bit 0
H *1
8
LCDDI1
LCDDI1
LCDDI1
In/Out
DATA
In
Data input:
bit 1
H *1
9
LCDDI2
LCDDI2
LCDDI2
In/Out
DATA
In
Data input:
bit 2
H *1
10
LCDDI3
LCDDI3
LCDDI3
In/Out
DATA
In
Data input:
bit 3
H *1
11
LCDDI4
LCDDI4
LCDDI4
In/Out
DATA
In
Data input:
bit 4
H *1
12
LCDDI5
LCDDI5
LCDDI5
In/Out
DATA
In
Data input:
bit 5
H *1
13
LCDDI6
LCDDI6
LCDDI6
In/Out
DATA
In
Data input:
bit 6
H *1
14
LCDDI7
LCDDI7
LCDDI7
In/Out
DATA
In
Data input:
bit 7
H *1
15
LCDDI8
LCDDI8
LCDDI8
In/Out
DATA
In
Data input:
bit 8
H *1
16
LCDDI9
LCDDI9
LCDDI9
In/Out
DATA
In
Data input:
bit 9
H *1
17
LCDDI10
LCDDI10
LCDDI10
In/Out
DATA
In
Data input:
bit 10
H *1
18
LCDDI11
LCDDI11
LCDDI11
In/Out
DATA
In
Data input:
bit 11
H *1
19
LCDDI12
LCDDI12
LCDDI12
In/Out
DATA
In
Data input:
bit 12
H *1
20
LCDDI13
LCDDI13
LCDDI13
In/Out
DATA
In
Data input:
bit 13
H *1
21
LCDDI14
LCDDI14
LCDDI14
In/Out
DATA
In
Data input:
bit 14
H *1
22
LCDDI15
LCDDI15
LCDDI15
In/Out
DATA
In
Data input:
bit 15
H *1
23
LCDDI16
LCDDI16
LCDDI16
In/Out
DATA
In
Data input:
bit 16
H *1
24
LCDDI17
LCDDI17
LCDDI17
In/Out
DATA
In
Data input:
bit 17
H *1
25
ENAI
*3
ENAI
In
*
-
RAM write enable input signal
C *1
26
VLDI
*3
VLDI
In
*
-
VLD input signal
C *1
27
VDDIO
VDDIO
VDDIO
-
PWR
-
DIGITAL IO power source
-
28
DCKI
DCKI
DCKI
In
CLK
-
Clock input
D *1
29
GND
GND
GND
-
GND
-
Common GROUND
-
30
VDD
VDD
VDD
-
PWR
-
CORE power source
-
31
MSEL0/
LCDRS0I
LCDRS0I
MSEL0 *3
In
*
-
Mode select 0/
Register select input signal 0
A
32
MSEL1/
LCDRS1I
LCDRS1I
MSEL1 *3
In
*
-
Mode select 1/
Register select input signal 1
A
※Change by setup by the register is possible for the "*" display in the column of an Active level. Moreover, Init is a pin state under reset.
*1 : It suspends during reset (initial state)
*2 : With no ball(Please connect it with GND for BU1573KV)
*3 : Please connect with GND.


Podobny numer części - BU1573KV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU1570KN ROHM-BU1570KN Datasheet
383Kb / 6P
   Camera Image Adaptive Enhancer IC for security devices
BU1570KN ROHM-BU1570KN Datasheet
332Kb / 9P
   AIE: Adaptive Image Enhancer
BU1570KN-E2 ROHM-BU1570KN-E2 Datasheet
332Kb / 9P
   AIE: Adaptive Image Enhancer
BU1570KN ROHM-BU1570KN_09 Datasheet
332Kb / 9P
   AIE: Adaptive Image Enhancer
BU1571KN ROHM-BU1571KN Datasheet
332Kb / 9P
   AIE: Adaptive Image Enhancer
More results

Podobny opis - BU1573KV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU1574GUW ROHM-BU1574GUW Datasheet
334Kb / 13P
   Real Time Video Processor IC
logo
National Semiconductor ...
LM9704 NSC-LM9704 Datasheet
74Kb / 4P
   Real Time Digital Image Processor
logo
RICOH electronics devic...
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
logo
National Semiconductor ...
LM9702 NSC-LM9702 Datasheet
74Kb / 4P
   LM9702 Real Time Digital Image Processor
logo
RICOH electronics devic...
RS5C316A RICOH-RS5C316A Datasheet
288Kb / 38P
   ULTRA-COMPACT SERIAL ALARM REAL-TIME CLOCK ICs
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
logo
Panasonic Semiconductor
AN2145NFHP PANASONIC-AN2145NFHP Datasheet
108Kb / 6P
   CCD Video Camera Signal Processor ICs
logo
RICOH electronics devic...
RS5C321A RICOH-RS5C321A Datasheet
252Kb / 33P
   ULTRA-COMPACT SERIAL REAL-TIME CLOCK ICs WITH 32.768kHz
RS5C317A RICOH-RS5C317A Datasheet
309Kb / 40P
   ULTRA-COMPACT HIGH PERFORMANCE SERIAL REAL-TIME CLOCK ICs?
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com