Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA0991A Arkusz danych(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA0991A
Szczegółowy opis  SAW Filter 947.5 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0991A Arkusz danych(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0991A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0991A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0991A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0991A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0991A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0991A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0991A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 947.5 MHz
MODEL NO.:TA0991A
REV. NO.:1
A. MAXIMUM RATING:
1. Input Power Level: +20 dBm
2. DC Voltage : 3V
3. Operating Temperature: -30°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Type.
Max.
Note
Center Frequency
Fc
MHz
-
947.5
-
-
Insertion Loss (935~960 MHz)
IL
dB
-
2.45
3.3
-
Amplitude Ripple (935~960 MHz)
dB
-
0.5
1.3
-
VSWR (935~960 MHz)
-
1.7
2.2
-
Attenuation (Reference level from 0 dB)
DC ~ 871
MHz
dB
50
54
-
-
890 ~ 915
MHz
dB
30
47
-
-
980 ~ 1025
MHz
dB
10
25
-
-
1025 ~ 2000
MHz
dB
45
52
-
-
2000 ~ 3000
MHz
dB
20
31
-
-
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D,F
RoHS Compliant
Lead free
Lead-free soldering


Podobny numer części - TA0991A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Golledge Electronics Lt...
TA0991A GOLLEDGE-TA0991A Datasheet
84Kb / 6P
   SAW Filter 947.50MHz
More results

Podobny opis - TA0991A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RF Monolithics, Inc
SF1184B-1 RFM-SF1184B-1 Datasheet
201Kb / 6P
   947.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1184B-1 MURATA-SF1184B-1 Datasheet
201Kb / 6P
   947.5 MHz SAW Filter
logo
Spectrum Microwave, Inc...
SF0948BA02589S SPECTRUM-SF0948BA02589S Datasheet
118Kb / 3P
   947.5 MHz SAW Filter 25 MHz Bandwidth
logo
Oscilent Corporation
802-RF947.5M-A OSCILENT-802-RF947.5M-A Datasheet
176Kb / 2P
   947.5 MHz RF SAW Filter
logo
Golledge Electronics Lt...
MA04712 GOLLEDGE-MA04712 Datasheet
181Kb / 9P
   SAW Filter 947.5 MHz For GSM
logo
API Technologies Corp
SF0948BA02589S APITECH-SF0948BA02589S Datasheet
118Kb / 3P
   947.5 MHz SAW Filter 25 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0748B TAI-SAW-TA0748B Datasheet
369Kb / 8P
   SAW Filter 947.5 MHz For GSM
TE1842-947EC TAI-SAW-TE1842-947EC Datasheet
510Kb / 8P
   Dual SAW Filter 947.5 and 1842.5 MHz
TA0361A TAI-SAW-TA0361A Datasheet
264Kb / 7P
   SAW Filter 947.5 MHz SMD 3X3 mm
logo
Golledge Electronics Lt...
MA04711 GOLLEDGE-MA04711 Datasheet
136Kb / 7P
   SAW Filter 947.5 MHz for Mobile Communication
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com