Producent | Numer części | Arkusz danych | Szczegółowy opis |
RF Monolithics, Inc |
SF2197E
|
798Kb / 5P |
847 MHz SAW Filter
|
TriQuint Semiconductor |
856932
|
572Kb / 8P |
847 MHz SAW Filter
|
TAI-SAW TECHNOLOGY CO.,... |
TA1757B
|
693Kb / 9P |
SAW Filter 847 MHz
|
Murata Manufacturing Co... |
SF2197E
|
798Kb / 5P |
847 MHz SAW Filter
|
TAI-SAW TECHNOLOGY CO.,... |
TA1656A
|
349Kb / 8P |
SAW Filter 847 MHz 30MHz BW SMD 1.4X1.1 mm
|
TA2042A
|
508Kb / 9P |
SAW Filter 847 MHz SMD 1.1X0.9 mm (BW=30 MHz)
|
TA2042B
|
940Kb / 10P |
SAW Filter 847 MHz Band 20 SMD 1.1X0.9 mm (BW=30 MHz)
|
Transko Electronics, In... |
TD806AP2
|
382Kb / 5P |
LTE, SAW DUPLEXER For 806 MHz / 847 MHz
Revision 0: September 2010 |
TD806BP2
|
384Kb / 5P |
LTE, SAW DUPLEXER For 806 MHz / 847 MHz
Revision 1: April 2013 |
TriQuint Semiconductor |
856979
|
793Kb / 9P |
806/847 MHz Duplexer
|