Zakładka z wyszukiwarką danych komponentów |
|
1N4256 Arkusz danych(PDF) 2 Page - Microsemi Corporation |
|
1N4256 Arkusz danych(HTML) 2 Page - Microsemi Corporation |
2 / 3 page VOIDLESS-HERMETICALLY-SEALED HIGH VOLTAGE RECTIFIERS Microsemi Scottsdale Division Page 2 Copyright © 2005 5-13-2005 REV B S C O T TS DALE DIVISION 1N3643 thru 1N3647 1N4254 thru 1n4257 1N5181 thru 1N5184 ELECTRICAL CHARACTERISTICS TYPE WORKING PEAK REVERSE VOLTAGE VRWM AVERAGE RECTIFIED CURRENT IO MAXIMUM FORWARD VOLTAGE VF (See Notes 1 & 2) REVERSE CURRENT (MAX.) IR @ VRWM MAXIMUM SURGE CURRENT @ 8.3 ms VOLTS mA VOLTS μA AMPS 55 oC 100 oC 25 oC 55 oC 125 oC 175 oC 1N3643 JAN1N3644 JAN1N3645 JAN1N3646 JAN1N3647 1000 1500 2000 2500 3000 250 250 250 250 250 150 150 150 150 150 5.0 (1) 5.0 (1) 5.0 (1) 5.0 (1) 5.0 (1) 5 5 5 5 5 - - - - - - - - - - - - - - - 14 14 14 14 14 1N4254 1N4255 1N4256 1N4257 1500 2000 2500 3000 250 250 250 250 150 150 150 150 3.5 (2) 3.5 (2) 3.5 (2) 3.5 (2) 1 1 1 1 - - - - 20 20 20 20 - - - - 10 10 10 10 1N5181 1N5182 1N5183 1N5184 4000 5000 7500 10,000 100 100 100 100 60 60 60 60 10 (2) 10 (2) 10 (2) 10 (2) - - - - 5 5 5 5 - - - - 1000 1000 1000 1000 4 4 4 4 NOTE 1: VF @ 250mA NOTE 2: VF @ 100mA SYMBOLS & DEFINITIONS Symbol Definition VBR Minimum Breakdown Voltage: The minimum voltage the device will exhibit at a specified current. VRWM Working Peak Reverse Voltage: The maximum peak voltage that can be applied over the operating temperature range. VF Maximum Forward Voltage: The maximum forward voltage the device will exhibit at a specified current. IR Maximum Leakage Current: The maximum leakage current that will flow at the specified voltage and temperature. GRAPHS FIGURE 1 FIGURE 2 1N3643-47 and 1N4254-57 1N5181-84 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 |
Podobny numer części - 1N4256 |
|
Podobny opis - 1N4256 |