Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6N137M Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części 6N137M
Szczegółowy opis  High Speed 10MBit/s Logic Gate Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N137M Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  6N137M Datasheet HTML 1Page - Fairchild Semiconductor 6N137M Datasheet HTML 2Page - Fairchild Semiconductor 6N137M Datasheet HTML 3Page - Fairchild Semiconductor 6N137M Datasheet HTML 4Page - Fairchild Semiconductor 6N137M Datasheet HTML 5Page - Fairchild Semiconductor 6N137M Datasheet HTML 6Page - Fairchild Semiconductor 6N137M Datasheet HTML 7Page - Fairchild Semiconductor 6N137M Datasheet HTML 8Page - Fairchild Semiconductor 6N137M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
©2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N137M, HCPL2601M, HCPL2611M, HCPL2630M, HCPL2631M Rev. 1.0.3
February 2010
Single-Channel: 6N137M, HCPL2601M, HCPL2611M
Dual-Channel: HCPL2630M, HCPL2631M (Preliminary)
High Speed 10MBit/s Logic Gate Optocouplers
Features
Very high speed – 10 MBit/s
Superior CMR – 10 kV/µs
Fan-out of 8 over -40°C to +85°C
Logic gate output
Strobable output
Wired OR-open collector
U.L. recognized (File # E90700, Vol. 2)
Applications
Ground loop elimination
LSTTL to TTL, LSTTL or 5-volt CMOS
Line receiver, data transmission
Data multiplexing
Switching power supplies
Pulse transformer replacement
Computer-peripheral interface
Description
The 6N137M, HCPL2601M, HCPL2611M single-channel
and HCPL2630M, HCPL2631M dual-channel optocou-
plers consist of a 850 nm AlGaAS LED, optically coupled
to a very high speed integrated photo-detector logic gate
with a strobable output. This output features an open col-
lector,
thereby
permitting
wired
OR
outputs. The
switching parameters are guaranteed over the tempera-
ture range of -40°C to +85°C. A maximum input signal of
5mA will provide a minimum output sink current of 13mA
(fan out of 8).
An internal noise shield provides superior common
mode rejection of typically 10kV/µs. The HCPL2601M
and HCPL2631M has a minimum CMR of 5kV/µs. The
HCPL2611M has a minimum CMR of 10kV/µs.
Schematics
Package Outlines
A 0.1µF bypass capacitor must be connected between pins 8 and 5(1).
1
2
3
4
5
6
7
8
N/C
_
V
CC
V
E
V
O
GND
+
N/C
V
F
1
2
3
4
5
6
7
8
+
_
V
F1
V
CC
V
01
V
02
GND
V
F2
_
+
HCPL2630M
HCPL2631M
(Preliminary)
6N137M
HCPL2601M
HCPL2611M
Truth Table (Positive Logic)
Input
Enable
Output
H
H
L
L
H
H
H
L
H
L
L
H
H
NC
L
L
NC
H
8
8
1
8
1
1
8
1


Podobny numer części - 6N137M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CT Micro International ...
6N137M CTMICRO-6N137M Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
logo
ON Semiconductor
6N137M ONSEMI-6N137M Datasheet
644Kb / 18P
   8-Pin DIP High-Speed 10 MBit/s Logic Gate Optocouplers
June, 2021 ??Rev. 2
logo
Guangdong Youtai Semico...
6N137M UMW-6N137M Datasheet
919Kb / 10P
   Logic Gate Optocouplers High Speed 10MBit/s
logo
Everlight Electronics C...
6N137M(TA)-V EVERLIGHT-6N137M(TA)-V Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
6N137M(TA)-V EVERLIGHT-6N137M(TA)-V Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
More results

Podobny opis - 6N137M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
6N137 FAIRCHILD-6N137_08 Datasheet
322Kb / 12P
   High Speed 10MBit/s Logic Gate Optocouplers
logo
Guangdong Youtai Semico...
6N137 UMW-6N137 Datasheet
919Kb / 10P
   Logic Gate Optocouplers High Speed 10MBit/s
logo
CT Micro International ...
6N137 CTMICRO-6N137 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
CT2601 CTMICRO-CT2601 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
logo
Everlight Electronics C...
EL06XX EVERLIGHT-EL06XX Datasheet
436Kb / 14P
   8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE
EL26XX EVERLIGHT-EL26XX Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
logo
CT Micro International ...
CTS600 CTMICRO-CTS600 Datasheet
1Mb / 13P
   SDIP-6 10Mbit/s High Speed Logic Gate Optocoupler
logo
List of Unclassifed Man...
MCL2630 ETC-MCL2630 Datasheet
252Kb / 4P
   DUAL 10MBIT/S LOGIC GATE
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com