Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN6982MY Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FAN6982MY
Szczegółowy opis  CCM Power Factor Correction Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6982MY Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FAN6982MY Datasheet HTML 1Page - Fairchild Semiconductor FAN6982MY Datasheet HTML 2Page - Fairchild Semiconductor FAN6982MY Datasheet HTML 3Page - Fairchild Semiconductor FAN6982MY Datasheet HTML 4Page - Fairchild Semiconductor FAN6982MY Datasheet HTML 5Page - Fairchild Semiconductor FAN6982MY Datasheet HTML 6Page - Fairchild Semiconductor FAN6982MY Datasheet HTML 7Page - Fairchild Semiconductor FAN6982MY Datasheet HTML 8Page - Fairchild Semiconductor FAN6982MY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
February 2010
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6982 • Rev. 1.0.1
FAN6982
CCM Power Factor Correction Controller
Features
Continuous Conduction Mode
Innovative Switching-Charge Multiplier-Divider
Average-Current-Mode for Input-Current Shaping
TriFault Detect™ Prevent Abnormal Operation for
Feedback Loop
Power-On Sequence Control
Soft-Start Capability
Brownout Protection
Cycle-by-Cycle Peak Current Limiting.
Improves Light-Load Efficiency
Fulfills Class-D Requirements of IEC 1000-3-2
Programmable Frequency: 50kHz to 130kHz
Wide Range Universal AC Input Voltage
Maximum Duty Cycle 97%
VDD Under-Voltage Lockout (UVLO)
Applications
Desktop PC Power Supply
Internet Server Power Supply
LCD TV/Monitor Power Supply
DC Motor Power Supply
Description
The FAN6982 is a 14-pin, Continuous Conduction Mode
(CCM) PFC controller IC intended for Power Factor
Correction (PFC) pre-regulators. The FAN6982 includes
circuits for the implementation of leading edge, average
current, “boost”-type power factor correction, and
results in a power supply that fully complies with the
IEC1000-3-2 specification.
A TriFault Detect™ function helps reduce external
components and provides full protection for feedback
loops such as open, short, and over voltage. An over-
voltage comparator shuts down the PFC stage in the
event of a sudden load decrease. The RDY signal can
be used for power-on sequence control. The EN
function can choose to enable or disable the range
function. FAN6982 also includes PFC soft-start, peak
current limiting, and input voltage brownout protection.
Ordering Information
Part Number
Operating
Temperature Range
Eco Status
Package
Packing
Method
FAN6982MY
-40°C to +105°C
Green
14-Pin Small Outline Package (SOP)
Tape & Reel
For Fairchild’s definition of Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.


Podobny numer części - FAN6982MY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN6982 FAIRCHILD-FAN6982 Datasheet
682Kb / 15P
   Power Factor Correction Converter Design
More results

Podobny opis - FAN6982MY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
ICE2PCS01 INFINEON-ICE2PCS01 Datasheet
539Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
ICE2PCS02 INFINEON-ICE2PCS02 Datasheet
513Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
2007-10-09 V2.2
ICE3PCS01G INFINEON-ICE3PCS01G Datasheet
537Kb / 24P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE1PCS02 INFINEON-ICE1PCS02_07 Datasheet
446Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.2, 06 Feb 2007
ICE2PCS03 INFINEON-ICE2PCS03 Datasheet
507Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 10 Oct 2007
ICE3PCS02G INFINEON-ICE3PCS02G Datasheet
457Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE1PCS01 INFINEON-ICE1PCS01_07 Datasheet
458Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.3, 06 Feb 2007
ICE2PCS05 INFINEON-ICE2PCS05 Datasheet
541Kb / 22P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 1.0, 09 Oct 2008
ICE1PCS01 INFINEON-ICE1PCS01 Datasheet
849Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V 1.1, 28 May 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com