Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6N138SVM Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części 6N138SVM
Szczegółowy opis  Low Input Current High Gain Split Darlington Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N138SVM Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  6N138SVM Datasheet HTML 1Page - Fairchild Semiconductor 6N138SVM Datasheet HTML 2Page - Fairchild Semiconductor 6N138SVM Datasheet HTML 3Page - Fairchild Semiconductor 6N138SVM Datasheet HTML 4Page - Fairchild Semiconductor 6N138SVM Datasheet HTML 5Page - Fairchild Semiconductor 6N138SVM Datasheet HTML 6Page - Fairchild Semiconductor 6N138SVM Datasheet HTML 7Page - Fairchild Semiconductor 6N138SVM Datasheet HTML 8Page - Fairchild Semiconductor 6N138SVM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N138M, 6N139M, HCPL2730M, HCPL2731M Rev. 1.0.2
December 2009
Single-Channel: 6N138M, 6N139M
Dual-Channel: HCPL2730M, HCPL2731M (Preliminary)
Low Input Current High Gain Split
Darlington Optocouplers
Features
Low current – 0.5mA
Superior CTR-2000%
Superior CMR-10kV/µs
CTR guaranteed 0–70°C
U.L. recognized (File # E90700, Vol. 2)
VDE recognition (pending)
– Ordering option V, e.g., 6N138VM
Dual Channel – HCPL2730M, HCPL2731M
(coming soon)
Applications
Digital logic ground isolation
Telephone ring detector
EIA-RS-232C line receiver
High common mode noise line receiver
µP bus isolation
Current loop receiver
Description
The 6N138M/9M and HCPL2730M/31M optocouplers
consist of an AlGaAs LED optically coupled to a high
gain split darlington photodetector.
The split darlington configuration separating the input
photodiode and the first stage gain from the output
transistor permits lower output saturation voltage and
higher speed operation than possible with conventional
darlington phototransistor optocoupler. In the dual
channel devices, HCPL2730M/HCPL2731M, an inte-
grated emitter-base resistor provides superior stability
over temperature.
The combination of a very low input current of 0.5mA
and a high current transfer ratio of 2000% makes this
family particularly useful for input interface to MOS,
CMOS, LSTTL and EIA RS232C, while output compati-
bility is ensured to CMOS as well as high fan-out TTL
requirements. An internal noise shield provides excep-
tional common mode rejection of 10 kV/µs.
Related Resources
www.fairchildsemi.com/products/opto/
www.fairchildsemi.com/pf/HC/HCPL0700.html
www.fairchildsemi.com/pf/HC/HCPL0730.html
www.fairchildsemi.com/pf/HC/HCPL0731.html
Schematic
Package Outlines
1
2
3
4
5
6
7
8
+
_
V
F
V
CC
V
B
V
O
GND
6N138M / 6N139M
N/C
N/C
1
2
3
4
5
6
7
8
+
_
V
F1
V
CC
V
01
V
02
GND
HCPL2730M / HCPL2731M
V
F2
_
+
8
8
1
8
1
1
8
1


Podobny numer części - 6N138SVM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
6N138SV FAIRCHILD-6N138SV Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138SV FAIRCHILD-6N138SV Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138SV FAIRCHILD-6N138SV Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
More results

Podobny opis - 6N138SVM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com