Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDS8949 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FDS8949
Szczegółowy opis  Dual N-Channel Logic Level PowerTrench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8949 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FDS8949_10 Datasheet HTML 1Page - Fairchild Semiconductor FDS8949_10 Datasheet HTML 2Page - Fairchild Semiconductor FDS8949_10 Datasheet HTML 3Page - Fairchild Semiconductor FDS8949_10 Datasheet HTML 4Page - Fairchild Semiconductor FDS8949_10 Datasheet HTML 5Page - Fairchild Semiconductor FDS8949_10 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FDS8949
_F085 Rev. A
www.fairchildsemi.com
3
Typical Characteristics T
J = 25°C unless otherwise noted
Figure 1. On Region Characteristics
0.0
0.5
1.0
1.5
2.0
2.5
0
4
8
12
16
20
VGS = 10V
VGS = 3.0V
VGS = 4.5V
VGS = 3.5V
PULSE DURATION = 300µs
DUTY CYCLE = 20%MAX
V
DS, DRAIN TO SOURCE VOLTAGE (V)
Figure 2. Normalized
04
8
12
16
20
0.5
1.0
1.5
2.0
2.5
3.0
PULSE DURATION = 300µs
DUTY CYCLE = 20%MAX
ID, DRAIN CURRENT(A)
VGS = 10V
VGS = 4.5V
VGS = 3.0V
VGS = 3.5V
On-Resistance vs Drain
Current and Gate Voltage
Figure 3.
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
ID = 6A
VGS = 10V
TJ, JUNCTION TEMPERATURE (oC)
Normalized On Resistance vs Junction
Temperature
Figure 4.
246
8
10
10
20
30
40
50
60
70
PULSE DURATION = 300µs
DUTY CYCLE = 20%MAX
TJ = 125oC
TJ = 25oC
ID = 3.5A
VGS, GATE TO SOURCE VOLTAGE (V)
On-Resistance vs Gate to Source
Voltage
Figure 5. Transfer Characteristics
1.5
2.0
2.5
3.0
3.5
4.0
0
4
8
12
16
20
VDD = 10V
PULSE DURATION = 300µs
DUTY CYCLE = 20%MAX
TJ = -55oC
TJ = 25oC
TJ = 125oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.2
0.4
0.6
0.8
1.0
1.2
1E-3
0.01
0.1
1
10
100
TJ = -55oC
TJ = 25oC
TJ = 125oC
VGS = 0V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode Forward
Voltage vs Source Current


Podobny numer części - FDS8949_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
FDS8949-NL VBSEMI-FDS8949-NL Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Fairchild Semiconductor
FDS8949_F085 FAIRCHILD-FDS8949_F085 Datasheet
544Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET
More results

Podobny opis - FDS8949_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS6930B FAIRCHILD-FDS6930B_10 Datasheet
199Kb / 5P
   Dual N-Channel Logic Level PowerTrench짰 MOSFET
logo
ON Semiconductor
FDMS9408L-F085 ONSEMI-FDMS9408L-F085 Datasheet
566Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDC5661N_F085 FAIRCHILD-FDC5661N_F085 Datasheet
425Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD9407L-F085 ONSEMI-FDD9407L-F085 Datasheet
545Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
FDMS9411L-F085 ONSEMI-FDMS9411L-F085 Datasheet
466Kb / 6P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDB8860 FAIRCHILD-FDB8860_08 Datasheet
343Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
FDB8832_F085 FAIRCHILD-FDB8832_F085 Datasheet
404Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
FDB8860_F085 FAIRCHILD-FDB8860_F085 Datasheet
158Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
FDD24AN06L_F085 FAIRCHILD-FDD24AN06L_F085 Datasheet
861Kb / 8P
   N-Channel Logic Level PowerTrench짰 MOSFET
logo
ON Semiconductor
FDB9403L-F085 ONSEMI-FDB9403L-F085 Datasheet
537Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com