Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC0166A Arkusz danych(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TC0166A
Szczegółowy opis  One-Port SAW Resonator 315MHz F11
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0166A Arkusz danych(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0166A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0166A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0166A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0166A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-03S06-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Approval Sheet For Product Specification
Issued Date:
Product Name: One-Port SAW Resonator 315MHz F11
TST Parts No.:TC0166A
Customer Parts No.:
Company:
Division:
Approved by :
Date:
Checked by:
Jacky Huang
Approval by:
Vincent Lee
Date:
Feb, 08, 2002


Podobny numer części - TC0166A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Golledge Electronics Lt...
TC0166A GOLLEDGE-TC0166A Datasheet
142Kb / 3P
   One-Port SAW Resonator 315.0MHz
More results

Podobny opis - TC0166A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TC0274D TAI-SAW-TC0274D Datasheet
387Kb / 6P
   SAW Resonator 315MHz
TC315E1-A TAI-SAW-TC315E1-A Datasheet
187Kb / 4P
   SAW Resonator 315MHz
TC315E2 TAI-SAW-TC315E2 Datasheet
183Kb / 4P
   SAW Resonator 315MHz
TC0223A TAI-SAW-TC0223A Datasheet
216Kb / 3P
   SAW Resonator 315.15 MHz F11
TC0165A TAI-SAW-TC0165A Datasheet
199Kb / 3P
   SAW Resonator 390.000 MHz F11
logo
List of Unclassifed Man...
FR0360M00-DD17 ETC1-FR0360M00-DD17 Datasheet
114Kb / 5P
   One-port SAW Resonator
logo
Advanced Crystal Techno...
ACTR4024 ACT-ACTR4024 Datasheet
233Kb / 5P
   One Port Saw Resonator
2-6-2011
logo
ECS, Inc.
ECS-DR1 ECS-ECS-DR1 Datasheet
183Kb / 1P
   ONE-PORT SAW RESONATOR
logo
TAI-SAW TECHNOLOGY CO.,...
TC433E1_A TAI-SAW-TC433E1_A Datasheet
205Kb / 3P
   SAW Resonator 433.92 MHz F11
TC433E1 TAI-SAW-TC433E1 Datasheet
210Kb / 3P
   SAW Resonator 433.92 MHz F11
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com