Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQD5N50C Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FQD5N50C
Szczegółowy opis  500V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD5N50C Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FQD5N50C Datasheet HTML 1Page - Fairchild Semiconductor FQD5N50C Datasheet HTML 2Page - Fairchild Semiconductor FQD5N50C Datasheet HTML 3Page - Fairchild Semiconductor FQD5N50C Datasheet HTML 4Page - Fairchild Semiconductor FQD5N50C Datasheet HTML 5Page - Fairchild Semiconductor FQD5N50C Datasheet HTML 6Page - Fairchild Semiconductor FQD5N50C Datasheet HTML 7Page - Fairchild Semiconductor FQD5N50C Datasheet HTML 8Page - Fairchild Semiconductor FQD5N50C Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FQD5N50C / FQU5N50C
500V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switched mode power supplies,
active power factor correction, electronic lamp ballasts
based on half bridge topology.
Features
• 4.0A, 500V, RDS(on) = 1.4 Ω @VGS = 10 V
• Low gate charge ( typical 18nC)
• Low Crss ( typical 15pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
* When mounted on the minimum pad size recommended (PCB Mount)
Symbol
Parameter
FQD5N50C / FQU5N50C
Units
VDSS
Drain-Source Voltage
500
V
ID
Drain Current
- Continuous (TC = 25°C)
4A
- Continuous (TC = 100°C)
2.4
A
IDM
Drain Current
- Pulsed
(Note 1)
16
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
300
mJ
IAR
Avalanche Current
(Note 1)
4A
EAR
Repetitive Avalanche Energy
(Note 1)
4.8
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TA = 25°C)*
2.5
W
Power Dissipation (TC = 25°C)
48
W
- Derate above 25°C
0.38
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
-
2.6
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient *
-
50
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
-
110
°C/W
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
S
D
G
I-PAK
FQU Series
D-PAK
FQD Series
GS
D
GS
D
October 2008
QFET
®
• RoHS Compliant
©2008 Fairchild Semiconductor Internationa
Rev. A1, October 2008


Podobny numer części - FQD5N50C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQD5N50C FAIRCHILD-FQD5N50C Datasheet
628Kb / 9P
   500V N-Channel MOSFET
logo
List of Unclassifed Man...
FQD5N50CTM ETC2-FQD5N50CTM Datasheet
236Kb / 2P
   TO252-3L, JEDEC OPTION AA, PACKING CONFIGURATION Figure 1.0
More results

Podobny opis - FQD5N50C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com