Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU4346 Arkusz danych(PDF) 4 Page - Rohm

Numer części BU4346
Szczegółowy opis  Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU4346 Arkusz danych(HTML) 4 Page - Rohm

  BU4346 Datasheet HTML 1Page - Rohm BU4346 Datasheet HTML 2Page - Rohm BU4346 Datasheet HTML 3Page - Rohm BU4346 Datasheet HTML 4Page - Rohm BU4346 Datasheet HTML 5Page - Rohm BU4346 Datasheet HTML 6Page - Rohm BU4346 Datasheet HTML 7Page - Rohm BU4346 Datasheet HTML 8Page - Rohm BU4346 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Technical Note
4/11
BU42□□G series, BU42□□F series, BU42□□FVE series,
BU43□□G series, BU43□□F series, BU43□□FVE series
www.rohm.com
2009.11 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
Reference Data (Unless specified otherwise, Ta=25°C)
0.0
0.5
1.0
-40
0
40
80
120
TEMPERATURE : Ta[℃]
【BU4216F】
Fig.12 Operating Limit Voltage
0
2
4
6
8
10
12
14
16
18
-40
0
40
80
120
TEMPERATURE : Ta[℃]
【BU4216F】
Fig.13 Ct Terminal Circuit Resistance
0.001
0.01
0.1
1
10
100
1000
10000
0.0001
0.001
0.01
0.1
CAPACITANCE OF CT : CCT[μF]
【BU4216F】
Fig.14 Delay Time (TPLH) and
CT Terminal External Capacitance
0.0
0.1
0.2
0.3
0.4
0.5
-40
0
40
80
120
TEMPERATURE : Ta[℃]
【BU4216F】
Fig.10 Circuit Current when ON
Fig.9 Detecting Voltage
Release Voltage
0.0
0.2
0.4
0.6
0.8
1.0
-40
0
40
80
120
TEMPERATURE : Ta[℃]
【BU4216F】
Fig.11 Circuit Current when OFF
1.0
1.5
2.0
-40
0
40
80
120
TEMPERATURE : Ta[℃]
Low to high(VDET+ΔVDET)
High to low(VDET)
【BU4216F】
Fig.3 Circuit Current
0.0
0.1
0.2
0.3
0.4
0.5
0.6
01
2
3
45
6
7
VDD SUPPLY VOLTAGE :VDD[V]
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
DRAIN-SOURCE VOLTAGE : VDS[V]
VDD=1.2V
【BU4216F】
Fig.4 “LOW” Output Current
0
5
10
15
20
25
01
2
3
45
6
DRAIN-SOURCE VOLTAGE : VDS[V]
【BU4318G】
VDD=6.0V
VDD=4.8V
Fig.5 “High” Output Current
Fig.6 I/O Characteristics
0
1
2
3
4
5
6
7
01
2345
67
VDD SUPPLY VOLTAGE :VDD[V]
【BU4216F】
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
VDD SUPPLY VOLTAGE : VDD[V]
【BU4216F】
Fig.7 Operating Limit Voltage
0
100
200
300
400
500
600
700
0
0.5
1
1.5
2
2.5
VDD SUPPLY VOLTAGE : VDD[V]
【BU4216F】
Fig.8 Ct Terminal Current


Podobny numer części - BU4346

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU4346 ROHM-BU4346 Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4346 ROHM-BU4346 Datasheet
454Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4346 ROHM-BU4346 Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU4346 ROHM-BU4346 Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4346 ROHM-BU4346 Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Podobny opis - BU4346

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU4220G-TR ROHM-BU4220G-TR Datasheet
454Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4227F-TR ROHM-BU4227F-TR Datasheet
502Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4240G-TR ROHM-BU4240G-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4227FVE-TR ROHM-BU4227FVE-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4228G-TR ROHM-BU4228G-TR Datasheet
391Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU42XX ROHM-BU42XX Datasheet
447Kb / 17P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
03.Feb.2014 Rev.008
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BU4248 ROHM-BU4248_13 Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4231G-TR ROHM-BU4231G-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com