Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU4538BFV Arkusz danych(PDF) 6 Page - Rohm

Numer części BU4538BFV
Szczegółowy opis  High Voltage CMOS Logic ICs Logic>
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU4538BFV Arkusz danych(HTML) 6 Page - Rohm

Back Button BU4538BFV Datasheet HTML 2Page - Rohm BU4538BFV Datasheet HTML 3Page - Rohm BU4538BFV Datasheet HTML 4Page - Rohm BU4538BFV Datasheet HTML 5Page - Rohm BU4538BFV Datasheet HTML 6Page - Rohm BU4538BFV Datasheet HTML 7Page - Rohm BU4538BFV Datasheet HTML 8Page - Rohm BU4538BFV Datasheet HTML 9Page - Rohm BU4538BFV Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Technical Note
BU4015B,BU4015BF,BU4021B,BU4021BF,
BU4094BC,BU4094BCF,BU4094BCFV,BU4538B,BU4028B
6/17
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics(BU4538B)
DC Characteristics (Unless otherwise noted VSS=0[V],Ta=25[℃])
Parameter
Symbol
Limits
Unit
Condition
Fig.No
Min
Typ
Max
VDD[V]
Input ‘H’ voltage
VIH
3.5
V
5
7.0
10
11.0
15
Input ‘L’ voltage
VIL
1.5
V
5
3.0
10
4.0
15
Input ‘H’ current
IIH
0.3
μA
15
VIH=15[V]
Input ‘L’ current
IIL
-0.3
μA
15
VIL=0[V]
Output ‘H’ voltage
VOH
4.95
V
5
IO=0[mA]
9.95
10
14.95
15
Output ‘L’ voltage
VOL
0.05
V
5
IO=0[mA]
0.05
10
0.05
15
Output ‘H’ current
IOH
-0.16
mA
5
VOH=4.6[V]
-0.4
5
VOH=9.5[V]
-1.2
15
VOH=13.5[V]
Output ‘L’ current
IOL
0.44
mA
5
VOL=0.4[V]
1.1
10
VOL=0.5[V]
3.0
15
VOL=1.5[V]
Static supply current
IDD
20
μA
5
VI=VDD or GND
40
10
80
15
Switching Characteristics (Unless otherwise noted VSS=0[V],Ta=25[℃],CL=50[pF])
Parameter
Symbol
Limits
Unit
Condition
Fig.No
Min
Typ
Max
VDD[V]
Output rising time
tTLH
100
ns
5
50
10
40
15
Output falling time
tTHL
100
ns
5
50
10
40
15
tPLH
tPHL
300
ns
5
32・33
150
10
100
15
tPLH
tPHL
250
ns
5
34・35
125
10
95
15
Minimum input pulse
width
tWIN
50
ns
5
36
30
10
25
15
Output pulse width 1
tWOUT1
185
200
215
μs
5
CX=2000[pF]
RX=100[kΩ]
38
185
200
215
10
185
200
215
15
Output pulse width 2
tWOUT2
8.8
9.4
10.0
ms
5
CX=0.1[uF]
RX=100[kΩ]
39
8.8
9.4
10.0
10
8.8
9.4
10.0
15
Minimum trigger time
trr
0
ns
5
0
10
0
15
Input capacitance
CIN
5
pF
Propagation delay time
A,B→Q,Q
Propagation delay time
CD→Q,Q


Podobny numer części - BU4538BFV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU4538B ROHM-BU4538B Datasheet
88Kb / 5P
   Dual precision monostable multivibrator
More results

Podobny opis - BU4538BFV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU4001B ROHM-BU4001B_11 Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4001B ROHM-BU4001B_09 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4066BC ROHM-BU4066BC_09 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BC ROHM-BU4066BC_11 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4S01G2 ROHM-BU4S01G2_09 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
BU4SU69G2-TR ROHM-BU4SU69G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S11G2-TR ROHM-BU4S11G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4S71G2-TR ROHM-BU4S71G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S81G2-TR ROHM-BU4S81G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
logo
Silicon Supplies
CD4013B SS-CD4013B Datasheet
692Kb / 6P
   CMOS High Voltage Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com