Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU4001BFV-E2 Arkusz danych(PDF) 1 Page - Rohm

Numer części BU4001BFV-E2
Szczegółowy opis  High Voltage CMOS Logic ICs Gate>
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU4001BFV-E2 Arkusz danych(HTML) 1 Page - Rohm

  BU4001BFV-E2 Datasheet HTML 1Page - Rohm BU4001BFV-E2 Datasheet HTML 2Page - Rohm BU4001BFV-E2 Datasheet HTML 3Page - Rohm BU4001BFV-E2 Datasheet HTML 4Page - Rohm BU4001BFV-E2 Datasheet HTML 5Page - Rohm BU4001BFV-E2 Datasheet HTML 6Page - Rohm BU4001BFV-E2 Datasheet HTML 7Page - Rohm BU4001BFV-E2 Datasheet HTML 8Page - Rohm BU4001BFV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
1 / 21
6
General-purpose CMOS Logic IC Series (BU4S,BU4000B Series)
High Voltage CMOS Logic ICs
<Logic Gate>
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F,
BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV
Description
BU4001B series ICs are 2-input positive logic NOR gates, each with four built-in circuits. A buffer achieved by an inverter
added at the gate output improves the input / output propagation characteristics and minimizes variation in the propagation
time caused by an increase in the load capacitance. BU4011B series ICs are 2-input positive logic NAND gates. Four
circuits are contained on a single chip. An inverter-based buffer is included at the gate output, enabling improved input /
output propagation characteristics, and an increased load capacitance minimizes fluctuations in the propagation time.
BU4030B and BU4070B series ICs are exclusive OR gates, each with four built-in circuits. An inverter-based buffer was
incorporated at the gate output for enhanced I/O voltage characteristics, and the load capacitance has been increased in
order to minimize fluctuations in the propagation time. BU4081B series are 2-input positive logic AND gates with four circuits
mounted on a single chip. An inverter-type buffer was added to the gate output, improving input/output transmission speed,
and an increased load capacitance suppresses fluctuations in the transmission time. BU4093B series ICs are 4-circuit,
2-input NAND gates whose input pins all have a Schmitt trigger function. BU4069UB series ICs are 6-circuit inverters with no
buffers. A single-stage gate configuration reduces propagation time. BU4584B series ICs are inverter-type Schmitt trigger
circuits, each incorporating 6 circuits in a single chip.
Features
1) Low power consumption
2) Broad operating supply voltage range: 3V to 16V
3) High input impedance
4) High fan out
5) L-TTL2 and LS-TTL1 inputs can be directly driven
6) All outputs are equipped with buffers (except for BU4069UB)
Applications
These products are suitable for applications requiring low power consumption and a high degree of noise tolerance
The BU4030B/BU4070B series can be used in digital comparators and parity circuits
The BU4093B series are suitable as line receivers, waveform shaping and multi-vibrators, etc.
The BU4584B series can be used in waveform shaping circuits for inputs with a slow rise time and fall time
Lineup
BU4001B/
BU4001F
4
circuits
NOR
gate
BU4011B/
BU4011B F/
BU4011B FV
BU4030B/
BU4030B F
BU4070B/
BU4070B F
BU4081B/
BU4081F/
BU4081FV
BU4093B/
BU4093B F/
BU4093B FV
BU4069UB/
BU4069UB F/
BU4069UB FV
BU4584B/
BU4584BF/
BU4584BFV
(Quad 2-input NOR gate)
High Voltage CMOS Logic
Logic Gate
4
circuits
NAND
gate
4
circuits
EXOR
gate
4
circuits
EXOR
gate
4
circuits
AND
gate
4
circuits
NAND
gate
6
circuits
INV
gate
6
circuits
INV
gate
(Quad 2-input NAND gate)
(Quad exclusive OR gate)
(Quad exclusive OR gate)
(Quad 2-input AND gate)
(Quad 2-input NAND Schmitt trigger)
(Hex inverter)
(Hex Schmitt trigger inverter)
No.09050EAT03


Podobny numer części - BU4001BFV-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU4001BFVE2 ROHM-BU4001BFVE2 Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
More results

Podobny opis - BU4001BFV-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU4001B ROHM-BU4001B_11 Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4S01G2 ROHM-BU4S01G2_09 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
BU4SU69G2-TR ROHM-BU4SU69G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S11G2-TR ROHM-BU4S11G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4S71G2-TR ROHM-BU4S71G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4015B ROHM-BU4015B_09 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4S81G2-TR ROHM-BU4S81G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4066BC ROHM-BU4066BC_09 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BC ROHM-BU4066BC_11 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4S66G2 ROHM-BU4S66G2_09 Datasheet
337Kb / 8P
   Single Gate CMOS Logic ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com