Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC433E2-A Arkusz danych(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TC433E2-A
Szczegółowy opis  SAW Resonator 433.920 MHz TO-39
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC433E2-A Arkusz danych(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC433E2-A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC433E2-A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC433E2-A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 433.920 MHz
MODEL NO.: TC433E2-A
REV. NO.:6
A. FEATURES:
1. 1-Port Resonator.
B. MAXIMUM RATING:
1.Input Power Level: 0 dBm
2.DC voltage: 12 V
3.Operating Temperature: -40
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Characteristic
Units
Minimum
Typical
Maximum
Center frequency
Fr
MHz
433.845
433.92
433.995
Insertion Loss IL
dB
-
1.0
2.0
Equivalent Elements
Motional capacitance C1
fF
-
2.3
-
Motional inductance L1
μ
H
-
58
-
Motional resistance R1
Ohm
-
14
25
Parallel capacitance Co
pF
-
4.1
-
Temp.coeff.
ppm/c*2
-
0.032
-
Turnover To
deg.C
10
25
40
Package size
TO-39
D.OUTLINE DRAWING:


Podobny numer części - TC433E2-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TC433E2B TAI-SAW-TC433E2B Datasheet
228Kb / 3P
   SAW Resonator 433.920 MHz TO-39
More results

Podobny opis - TC433E2-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TC433E2B TAI-SAW-TC433E2B Datasheet
228Kb / 3P
   SAW Resonator 433.920 MHz TO-39
logo
Golledge Electronics Lt...
MA05774 GOLLEDGE-MA05774 Datasheet
193Kb / 4P
   SAW Resonator 433.920 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TC0435A TAI-SAW-TC0435A Datasheet
296Kb / 4P
   SAW Resonator 433.920 MHz
logo
Golledge Electronics Lt...
MA05557 GOLLEDGE-MA05557 Datasheet
79Kb / 4P
   433.920 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0408A TAI-SAW-TC0408A Datasheet
184Kb / 4P
   SAW Resonator 315 MHz TO-39
TC0418A TAI-SAW-TC0418A Datasheet
181Kb / 3P
   SAW Resonator 316 MHz TO-39
TC0231A TAI-SAW-TC0231A Datasheet
225Kb / 3P
   SAW Resonator 315.15 MHz TO-39
TD0102A TAI-SAW-TD0102A Datasheet
234Kb / 3P
   SAW Resonator 433.92 MHz TO-39
TC0409A TAI-SAW-TC0409A Datasheet
184Kb / 4P
   SAW Resonator 433.92 MHz TO-39
TC0201A TAI-SAW-TC0201A Datasheet
313Kb / 4P
   SAW Resonator 433.920 MHz SMD 5X5 mm
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com