Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4148WS Arkusz danych(PDF) 1 Page - Rectron Semiconductor

Numer części 1N4148WS
Szczegółowy opis  SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150 mAmpere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RECTRON [Rectron Semiconductor]
Strona internetowa  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

1N4148WS Arkusz danych(HTML) 1 Page - Rectron Semiconductor

  1N4148WS Datasheet HTML 1Page - Rectron Semiconductor 1N4148WS Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMALL SIGNAL DIODE
VOLTAGE RANGE 75 Volts CURRENT 150 mAmpere
RECTRON
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Fast Switching Speed
* Surface Mount Package Ideally Suited for
Automatic Insertion
* For General Purpose Switching Applicationgs
* High Conductance
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.004 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
Ratings at 25
OC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1N4148WS
SOD-323
MAXIMUM RATINGS (@TA=25
OC unless otherwise noted)
NOTES : 1. Measured at IF=IR=10mA,IRR=0.1IR And RL=100Ω.
2. Measured at 1MHz and applied reverse voltage of 0 volts.
3. Part mounted on FR-4 PC board with minimunm recommended pad layout.
ELECTRICAL CHARACTERISTICS (@TA=25
OC unless otherwise noted)
2006-3
RATINGS
Non-Repetitive Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum RMS Voltage
Maximum Forward Comtinuous Current
Non-Repetitive Peak Forward Surge Current
Maximum Power Dissipation (Note 3)
Operating and Storage Temperature Range
SYMBOL
1N4148WS
VRM
VRMS
IFM
IFSM
PD
TJ,TSTG
VR
Volts
Volts
mAmps
300
Maximum Average Forward Rectified Current
IO
mAmps
150
2.0
1.0
200
Typical Junction Capacitance (Note 2)
CJ
2
-65 to + 150
Amps
mW
pF
Typical Reverse Recovery Time (Note 1)
Trr
4
nS
OC
UNITS
Typical Thermal Resistance
R
θJA
625
OC/W
100
Maximum Working Peak reverse Voltage
VRWM
Volts
75
Maximum Repetitive Peak Reverse Voltage
VRRM
53
CHARACTERISTICS
Maximum Instantaneous Peverse Current
VF
SYMBOL
IR
UNITS
Maximum Instantaneous Forward Voltage
Volts
@IF=1.0mA
@VR=20V
@VR=75V
@IF=10mA
@t=1.0uS
@t=1.0S
@IF=50mA
@IF=150mA
0.715
1.25
1
0.855
1.0
25
nAmps
uAmps
1N4148WS
Dimensions in inches and (millimeters)
REF .019(0.46)
.106(2.70)
.098(2.50)
.055(1.40)
.047(1.20)
.071(1.80)
.063(1.60)
MAX.039(1.00)
.004(.10)
.000(.00)


Podobny numer części - 1N4148WS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS Datasheet
127Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Dongguan City Niuhang E...
1N4148WS NIUHANG-1N4148WS Datasheet
251Kb / 3P
   SWITCHING RECTIFIERS
logo
SHENZHEN YONGERJIA INDU...
1N4148WS WINNERJOIN-1N4148WS Datasheet
178Kb / 2P
   Fast Switching Speed
logo
Vishay Siliconix
1N4148WS VISHAY-1N4148WS Datasheet
142Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.7, 14-Sep-07
logo
RFE international
1N4148WS RFE-1N4148WS Datasheet
1Mb / 3P
   High Speed Switching Diodes
16-12-2021
More results

Podobny opis - 1N4148WS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rectron Semiconductor
BAV16WS RECTRON-BAV16WS Datasheet
119Kb / 2P
   SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150 mAmpere
1N4448WS RECTRON-1N4448WS_08 Datasheet
149Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 250 mAmpere
CMBD1201 RECTRON-CMBD1201 Datasheet
331Kb / 4P
   SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 215 mAmpere
BAV20W RECTRON-BAV20W Datasheet
153Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 150 Volts CURRENT 200 mAmpere
1N4448W RECTRON-1N4448W Datasheet
169Kb / 2P
   SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 250 mAmpere
BAV19W RECTRON-BAV19W Datasheet
152Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 100 Volts CURRENT 200 mAmpere
BAV21W RECTRON-BAV21W Datasheet
153Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 200 Volts CURRENT 200 mAmpere
logo
Chenmko Enterprise Co. ...
BAW56DPT CHENMKO-BAW56DPT Datasheet
72Kb / 2P
   FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 150 mAmpere
logo
Rectron Semiconductor
BAV16W RECTRON-BAV16W Datasheet
49Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150mAmpere
1N4148W RECTRON-1N4148W Datasheet
155Kb / 2P
   SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150mAmpere
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com