Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS03 Arkusz danych(PDF) 2 Page - Suntan Capacitors

Numer części TS03
Szczegółowy opis  MINIATURE SIZE METALLIZED POLYESTER FILM CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNTAN [Suntan Capacitors]
Strona internetowa  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS03 Arkusz danych(HTML) 2 Page - Suntan Capacitors

  TS03 Datasheet HTML 1Page - Suntan Capacitors TS03 Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MINIATURE SIZE METALLIZED POLYESTER FILM CAPACITOR
Suntan®
MINIATURE SIZE, MO-INDUCTIVE, EPOXY DIP COATED
TS03
VDC
160V
250V
400V
Mfd
L
T
H
d
P
L
T
H
d
P
L
T
H
d
P
0.01
10.5
4.5
8.0
0.6
7.5
10.2
4.5
8.0
0.6
7.5
10.2
4.5
8.0
0.6
7.5
0.012
10.5
4.5
8.0
0.6
7.5
10.2
4.5
8.0
0.6
7.5
10.2
4.5
8.0
0.6
7.5
0.015
10.5
4.5
8.0
0.6
7.5
10.2
4.5
8.0
0.6
7.5
10.2
4.5
8.0
0.6
7.5
0.018
10.5
4.5
8.0
0.6
7.5
10.2
4.5
8.0
0.6
7.5
11.0
5.0
9.0
0.6
7.5
0.022
10.5
4.5
8.0
0.6
7.5
10.2
4.5
8.0
0.6
7.5
11.0
5.5
10.0
0.6
7.5
0.027
10.5
4.5
8.0
0.6
7.5
10.2
4.5
8.0
0.6
7.5
11.0
5.5
10.5
0.6
7.5
0.033
10.5
4.5
8.0
0.6
7.5
10.5
4.5
9.5
0.6
7.5
11.0
6.0
11.5
0.6
7.5
0.039
10.5
4.5
8.0
0.6
7.5
11.0
4.5
9.0
0.6
7.5
11.0
6.5
12.5
0.6
7.5
0.047
10.5
4.5
8.0
0.6
7.5
11.0
5.0
9.5
0.6
7.5
11.0
7.0
13.0
0.6
7.5
0.056
10.5
4.5
8.0
0.6
7.5
11.0
5.5
10.0
0.6
7.5
11.0
7.5
13.5
0.6
7.5
0.068
10.5
4.5
8.0
0.6
7.5
11.0
5.5
10.5
0.6
7.5
11.0
7.5
14.0
0.6
7.5
0.082
10.5
4.5
8.0
0.6
7.5
11.0
5.5
11.0
0.6
7.5
--
--
--
--
--
0.1
10.5
4.5
8.0
0.6
7.5
11.0
6.0
11.5
0.6
7.5
--
--
--
--
--
0.12
10.5
4.5
8.0
0.6
7.5
11.0
6.5
12.0
0.6
7.5
--
--
--
--
--
0.15
10.5
4.5
9.0
0.6
7.5
11.0
7.0
12.5
0.6
7.5
--
--
--
--
--
0.18
10.5
5.0
9.5
0.6
7.5
11.0
7.5
13.0
0.6
7.5
--
--
--
--
--
0.22
11.0
5.5
10.0
0.6
7.5
11.0
8.0
14.0
0.6
7.5
--
--
--
--
--
0.27
11.0
5.5
11.0
0.6
7.5
--
--
--
--
--
--
--
--
--
--
0.33
11.0
6.0
11.5
0.6
7.5
--
--
--
--
--
--
--
--
--
--
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Podobny numer części - TS03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CUI INC
TS03 CUI-TS03 Datasheet
440Kb / 4P
   TACTILE SWITCH
09/20/2021
TS03-66-50-BK-160-LCR-D CUI-TS03-66-50-BK-160-LCR-D Datasheet
440Kb / 4P
   TACTILE SWITCH
09/20/2021
TS03-66-50-BK-260-LCR-D CUI-TS03-66-50-BK-260-LCR-D Datasheet
440Kb / 4P
   TACTILE SWITCH
09/20/2021
TS03-66-70-BK-160-LCR-D CUI-TS03-66-70-BK-160-LCR-D Datasheet
440Kb / 4P
   TACTILE SWITCH
09/20/2021
TS03-66-70-BK-260-LCR-D CUI-TS03-66-70-BK-260-LCR-D Datasheet
440Kb / 4P
   TACTILE SWITCH
09/20/2021
More results

Podobny opis - TS03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Suntan Capacitors
TS03 SUNTAN-TS03_17 Datasheet
114Kb / 2P
   MINIATURE SIZE METALLIZED POLYESTER FILM CAPACITOR
TS03Q SUNTAN-TS03Q_17 Datasheet
335Kb / 1P
   SUBMINIATURE SIZE METALLIZED POLYESTER FILM CAPACITOR
logo
jb Capacitors Company
JFH JBCAPACITORS-JFH_15 Datasheet
196Kb / 1P
   Subminiature size Metallized Polyester Film Capacitor ??JFH
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com