Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS03Q Arkusz danych(PDF) 3 Page - Suntan Capacitors

Numer części TS03Q
Szczegółowy opis  POLYESTER FILM CAPACITOR - EPOXY DIP COATED - NON-INDUCTIVE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNTAN [Suntan Capacitors]
Strona internetowa  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS03Q Arkusz danych(HTML) 3 Page - Suntan Capacitors

  TS03Q Datasheet HTML 1Page - Suntan Capacitors TS03Q Datasheet HTML 2Page - Suntan Capacitors TS03Q Datasheet HTML 3Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
POLYESTER FILM CAPACITOR – EPOXY DIP COATED - NON-INDUCTIVE
Suntan®
DESIGNED FOR HIGH DENSITY INSERTION APPLICATIONS
TS03Q
Capacitance
W.V.(100V DC)
T.V.(175VDC)
µF
W(Max)
H(Max)
T(Max)
P±1mm
0.001
7.2
7.0
4.0
5.0
0.0012
7.2
7.0
4.0
5.0
0.0015
7.2
7.0
4.0
5.0
0.0018
7.2
7.0
4.0
5.0
0.0022
7.2
7.0
4.0
5.0
0.0027
7.2
7.0
4.0
5.0
0.0033
7.2
7.0
4.0
5.0
0.0039
7.2
7.0
4.0
5.0
0.0047
7.2
7.0
4.0
5.0
0.0056
7.2
7.0
4.0
5.0
0.0068
7.2
7.0
4.0
5.0
0.0082
7.2
7.0
4.0
5.0
0.01
7.2
7.0
4.0
5.0
0.012
7.2
7.5
4.5
5.0
0.015
7.2
7.5
4.5
5.0
0.018
7.2
7.5
4.5
5.0
0.022
7.2
7.5
4.5
5.0
0.027
7.2
7.5
4.5
5.0
0.033
7.2
7.5
4.5
5.0
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Podobny numer części - TS03Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Suntan Capacitors
TS03Q SUNTAN-TS03Q_17 Datasheet
335Kb / 1P
   SUBMINIATURE SIZE METALLIZED POLYESTER FILM CAPACITOR
More results

Podobny opis - TS03Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
jb Capacitors Company
JFE JBCAPACITORS-JFE Datasheet
239Kb / 2P
   Miniature size, non-inductive, epoxy dip coated
JFF JBCAPACITORS-JFF Datasheet
221Kb / 2P
   Miniature size, non-inductive, epoxy dip coated
JFA JBCAPACITORS-JFA Datasheet
267Kb / 1P
   Inductive welded construction epoxy dip coated
logo
Surge Components
SRM SURGE-SRM Datasheet
20Kb / 1P
   EPOXY COATED, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, RADIAL LEAD
logo
List of Unclassifed Man...
MDD ETC2-MDD Datasheet
185Kb / 10P
   Resin Coated Metalized Polyester Film Capacitor
logo
Surge Components
SEM SURGE-SEM Datasheet
136Kb / 1P
   EPOXY COATED, INDUCTIVE, FILM CAPACITORS, RADIAL LEADS
SRMA SURGE-SRMA Datasheet
267Kb / 1P
   EPOXY COATED, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, RADIAL LEAD, REDUCED SIZES
logo
Illinois Capacitor, Inc...
102FFR100K ILLINOISCAPACITOR-102FFR100K Datasheet
882Kb / 3P
   125째 Non-inductive Polyester Film/Foil Epoxy Dipped Radial Lead Capacitors
logo
jb Capacitors Company
JFC JBCAPACITORS-JFC Datasheet
251Kb / 1P
   Non-inductive, coated with epoxy resin or flame retardant epoxy power
logo
Suntan Capacitors
TS02A SUNTAN-TS02A_17 Datasheet
256Kb / 1P
   NON-INDUCTIVE, COATED WITH EPOXY RESIN OR FLAME RETARDANT EPOXY POWER
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com