Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS13DJ-CD287 Arkusz danych(PDF) 6 Page - Suntan Capacitors

Numer części TS13DJ-CD287
Szczegółowy opis  ALUMINUM ELECTROLYTIC CAPACITOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNTAN [Suntan Capacitors]
Strona internetowa  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13DJ-CD287 Arkusz danych(HTML) 6 Page - Suntan Capacitors

  TS13DJ-CD287 Datasheet HTML 1Page - Suntan Capacitors TS13DJ-CD287 Datasheet HTML 2Page - Suntan Capacitors TS13DJ-CD287 Datasheet HTML 3Page - Suntan Capacitors TS13DJ-CD287 Datasheet HTML 4Page - Suntan Capacitors TS13DJ-CD287 Datasheet HTML 5Page - Suntan Capacitors TS13DJ-CD287 Datasheet HTML 6Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ALUMINUM ELECTROLYTIC CAPACITOR
Suntan®
1 0 5 ℃ , E X T R A L O W I M P E D A N C E , L O N G L I F E
TS13D CD287
Typical Curves
Fig.4 Multiplier of useful life as a function of ambient
Temperature and ripple current load
A=actual ripple current 120KHz
R=rated ripple current at 100KHz, 105℃
Fig.3 Typical impedance as a function of frequency
1.
10V1000μF
10x20
2.
10V10000μF
18x35.5
3.
63V100μF
10x20
4.
63V1000μF
18x35.5
Fig. 1 Typical multiplier of capacitance as a function
of ambient temperature
Co =capacitance at 25℃, 120Hz
Fig. 2 Typical multiplier of impedance as a function of
ambient temperature
Zo –typical impedance to 25℃, 100KHz
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Podobny numer części - TS13DJ-CD287

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Suntan Capacitors
TS13DJ-CD287 SUNTAN-TS13DJ-CD287_17 Datasheet
363Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results

Podobny opis - TS13DJ-CD287

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com