Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS13DZ-CD138 Arkusz danych(PDF) 1 Page - Suntan Capacitors

Numer części TS13DZ-CD138
Szczegółowy opis  ALUMINUM ELECTROLYTIC CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNTAN [Suntan Capacitors]
Strona internetowa  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13DZ-CD138 Arkusz danych(HTML) 1 Page - Suntan Capacitors

  TS13DZ-CD138 Datasheet HTML 1Page - Suntan Capacitors TS13DZ-CD138 Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITOR
Suntan®
G E N E R A L ,
L O N G L I F E
TS13D CD138
F E A T U R E S
Load life of 5000 hours at 85℃
Size may be selected
High ripple current
Used for computers, Communication powers,
Hi-ripple circuit of electric vehicle, electric
train, general-purpose inverter
Specifications
ITEMS PERFORMANCE
CHARACTERISTICS
Rated Voltage Range(V)
350~450
Operating Temperature Range(℃)
-40~+85
Capacitance Tolerance(25℃,120Hz)
±20
%
Leakage Current (μA)
0.01CV or 5mA, whichever is smaller. (at 25℃, after 5 minutes)
Where, C: Nominal capacitance (μF) V: Rated voltage (V)
Dissipation Factor (25℃, 120Hz)
0.15
Load Life (+85℃)
Time
5000hours
Leakage Current
Not more than the specified value
Capacitance Change
Within±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value.
Shelf Life (+85℃)
Time
500hours
Leakage Current
Not more than the specified value
Capacitance Change
Within ±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value.
After Test: UR to be applied for 60 minutes, 24 to 48 hours before measurement
Dimensions
mm
Multiplier for ripple current
Frequency coefficient
Frequency(Hz)
50,60
120
300
1K
≥10K
Factor
0.7
1.0
1.10
1.30
1.40
Temperature coefficient
Temperature(℃)
+40
+60
+85
Factor
1.89
1.67
1.0
Φ
D
51
63.5
76
89
F
22
28
32
32
Case code (mm)
L
Φ
D
80
100
120
130
160
200
240
51
C8
C10
C12
C13
---
---
---
63.5
D8
D10
D12
D13
D16
D20
---
76
---
E10
E12
E13
E16
E20
---
89
---
---
---
F13
F16
F20
F24
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Podobny numer części - TS13DZ-CD138

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Suntan Capacitors
TS13DZ-CD138 SUNTAN-TS13DZ-CD138_17 Datasheet
224Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results

Podobny opis - TS13DZ-CD138

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com