Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF8513TRPbF Arkusz danych(PDF) 10 Page - International Rectifier

Numer części IRF8513TRPbF
Szczegółowy opis  HEXFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF8513TRPbF Arkusz danych(HTML) 10 Page - International Rectifier

Back Button IRF8513TRPbF Datasheet HTML 3Page - International Rectifier IRF8513TRPbF Datasheet HTML 4Page - International Rectifier IRF8513TRPbF Datasheet HTML 5Page - International Rectifier IRF8513TRPbF Datasheet HTML 6Page - International Rectifier IRF8513TRPbF Datasheet HTML 7Page - International Rectifier IRF8513TRPbF Datasheet HTML 8Page - International Rectifier IRF8513TRPbF Datasheet HTML 9Page - International Rectifier IRF8513TRPbF Datasheet HTML 10Page - International Rectifier IRF8513TRPbF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IRF8513PbF
10
www.irf.com
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
330.00
(12.992)
MAX.
14.40 ( .566 )
12.40 ( .488 )
NOTES :
1. CONTROLLING DIMENSION : MILLIMETER.
2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
FEED DIRECTION
TERMINAL NUMBER 1
12.3 ( .484 )
11.7 ( .461 )
8.1 ( .318 )
7.9 ( .312 )
NOTES:
1. CONTROLLING DIMENSION : MILLIMETER.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES).
3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
SO-8 Tape and Reel
Dimensions are shown in milimeters (inches)


Podobny numer części - IRF8513TRPbF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
IRF850 STMICROELECTRONICS-IRF850 Datasheet
169Kb / 6P
   N CHANNEL ENHANCEMENT MODE POWER MOSTRANSISTORS
logo
Intersil Corporation
IRF850 INTERSIL-IRF850 Datasheet
56Kb / 7P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
logo
ON Semiconductor
IRF850 ONSEMI-IRF850 Datasheet
119Kb / 3P
   Power Field Effect Transistor
August, 2006 ??Rev. 1
logo
NXP Semiconductors
IRF850 PHILIPS-IRF850 Datasheet
58Kb / 7P
   PowerMOS transistor Avalanche energy rated
March 1999 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF850 NJSEMI-IRF850 Datasheet
122Kb / 3P
   N-Channel Power MOSFETs, 4.5 A, 450 V/500 V
More results

Podobny opis - IRF8513TRPbF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com