Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS18 Arkusz danych(PDF) 10 Page - Suntan Capacitors

Numer części TS18
Szczegółowy opis  MULTILAYER CERAMIC CHIP CAPACITOR - SMD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNTAN [Suntan Capacitors]
Strona internetowa  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS18 Arkusz danych(HTML) 10 Page - Suntan Capacitors

Back Button TS18 Datasheet HTML 2Page - Suntan Capacitors TS18 Datasheet HTML 3Page - Suntan Capacitors TS18 Datasheet HTML 4Page - Suntan Capacitors TS18 Datasheet HTML 5Page - Suntan Capacitors TS18 Datasheet HTML 6Page - Suntan Capacitors TS18 Datasheet HTML 7Page - Suntan Capacitors TS18 Datasheet HTML 8Page - Suntan Capacitors TS18 Datasheet HTML 9Page - Suntan Capacitors TS18 Datasheet HTML 10Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MULTILAYER CERAMIC CHIP CAPACITOR - SMD
Suntan®
TS18
6. Taping Method
Tapes for capacitors are wound clockwise. The sprocket holes are to the right as the tape is pulled toward the
user.
The top tape and base tape are not attached at the end of the tape for a minimum of 5 pitches.
Part of the leader and part of the empty tape shall be attached to the end of the tape as follows.
Missing capacitors number within 0.1% of the number per reel or 1pc, whichever is greater, and are not
continuous.
The top tape and bottom tape shall not protrude beyond the edges of the tape and shall not cover sprocket
holes.
Cumulative tolerance of sprocket holes, 10 pitches: ±0.3mm.
Peeling off force: 0.1 to 0.6N in the direction shown down.
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Podobny numer części - TS18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CUI INC
TS18 CUI-TS18 Datasheet
351Kb / 4P
   TACTILE SWITCH
05/10/2022
TS18-5-15-SL-160-SMT-TR CUI-TS18-5-15-SL-160-SMT-TR Datasheet
351Kb / 4P
   TACTILE SWITCH
05/10/2022
TS18-5-15-SL-260-SMT-TR CUI-TS18-5-15-SL-260-SMT-TR Datasheet
351Kb / 4P
   TACTILE SWITCH
05/10/2022
TS18-5-17-SL-160-SMT-TR CUI-TS18-5-17-SL-160-SMT-TR Datasheet
351Kb / 4P
   TACTILE SWITCH
05/10/2022
TS18-5-17-SL-260-SMT-TR CUI-TS18-5-17-SL-260-SMT-TR Datasheet
351Kb / 4P
   TACTILE SWITCH
05/10/2022
More results

Podobny opis - TS18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Suntan Capacitors
TS18 SUNTAN-TS18_17 Datasheet
788Kb / 17P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
logo
AVX Corporation
05045C272KAT1A AVX-05045C272KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C821KAT1A AVX-05045C821KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C103JA19A AVX-05045C103JA19A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A101KA79A AVX-05041A101KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Stackpole Electronics, ...
CML_C0G SEI-CML_C0G Datasheet
671Kb / 23P
   Multilayer Ceramic Chip Capacitor
5/27/2021
logo
AVX Corporation
05041A121KA79A AVX-05041A121KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
08055A101JAT2A AVX-08055A101JAT2A Datasheet
399Kb / 46P
   Multilayer Ceramic Chip Capacitor
05041A820KA79A AVX-05041A820KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Suntan Capacitors
TS18H SUNTAN-TS18H Datasheet
438Kb / 8P
   HIGH VOLTAGE CERAMIC CHIP CAPACITOR-SMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com