Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS18H Arkusz danych(PDF) 3 Page - Suntan Capacitors

Numer części TS18H
Szczegółowy opis  HIGH VOLTAGE CERAMIC CHIP CAPACITOR-SMD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNTAN [Suntan Capacitors]
Strona internetowa  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS18H Arkusz danych(HTML) 3 Page - Suntan Capacitors

  TS18H Datasheet HTML 1Page - Suntan Capacitors TS18H Datasheet HTML 2Page - Suntan Capacitors TS18H Datasheet HTML 3Page - Suntan Capacitors TS18H Datasheet HTML 4Page - Suntan Capacitors TS18H Datasheet HTML 5Page - Suntan Capacitors TS18H Datasheet HTML 6Page - Suntan Capacitors TS18H Datasheet HTML 7Page - Suntan Capacitors TS18H Datasheet HTML 8Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HIGH VOLTAGE CERAMIC CHIP CAPACITOR-SMD
Suntan®
TS18H
S
P
E
C
I
F
I
C
A
T
I
O
N
S
Item
Specifications
Test Method
Dielectric
Withstanding
Voltage
D.W.V.)
No breakdown
or visual
defects
Rated
Voltage
Test Voltage
Duration
Charge/Discha
rge Current
Ur<200V
2.5Ur
1~5sec.
50mA
200V≤Ur
1000V
1.5Ur
1~5sec.
Ur>
1000V
1.2Ur
1~5sec.
Dielectric withstanding voltage testing may requires immersion of the
capacitor in a isolation fluid,at test voltage over 2000Vdc.
Capacitance
Temperature
Characteristic /
Coefficient
Class I
NPO:0±30ppm/℃
Perform a heat temperature at 150+0/-10℃ for 1hrs,then place room
temp. for 24±2hrs.
According to the following sequence, measure the capacitance after
temperature stabilize for 30min .(△C based on T3)
Step
Temperature(℃)
Class II
X7R:≤±15%
T1
25±2
X5R:≤±15%
T2
Low-category temp.
Y5V:+22%~-82%
T3
25±2
Z5U:+22%~-56%
T4
High-category temp.
T1
25±2
Solderability
No defects,≥90% of each terminal should
be covered with fresh solder
Preheating Conditions:80~120℃;10~30sec.
Solder Temperature :245±5℃
Immersing Speed:25±0.25mm/s
Duration:2±0.5sec.
Adhesive
Strength of
Termination
Appearance: No visible damage.
Applied Force:5N
Duration:10±1sec.
Speed:1mm/sec
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Podobny numer części - TS18H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Suntan Capacitors
TS18H SUNTAN-TS18H_17 Datasheet
233Kb / 8P
   HIGH VOLTAGE CERAMIC CHIP CAPACITOR-SMD
More results

Podobny opis - TS18H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Suntan Capacitors
TS18H SUNTAN-TS18H_17 Datasheet
233Kb / 8P
   HIGH VOLTAGE CERAMIC CHIP CAPACITOR-SMD
TS18 SUNTAN-TS18 Datasheet
281Kb / 10P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
TS18 SUNTAN-TS18_17 Datasheet
788Kb / 17P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
logo
Kemet Corporation
C2220C223KGRACTU KEMET-C2220C223KGRACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C1812C272KGRACTU KEMET-C1812C272KGRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C1812C472KFRACTU KEMET-C1812C472KFRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C1812C473KDRACTU KEMET-C1812C473KDRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C2225C223KGRACTU KEMET-C2225C223KGRACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C1825C104KCRACTU KEMET-C1825C104KCRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C2220C473KFRACTU KEMET-C2220C473KFRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com