Zakładka z wyszukiwarką danych komponentów |
|
SMAJ90 Arkusz danych(PDF) 2 Page - Silicon Standard Corp. |
|
SMAJ90 Arkusz danych(HTML) 2 Page - Silicon Standard Corp. |
2 / 4 page www.SiliconStandard.com 2 of 4 ELECTRICAL PARAMETERS SMAJ Series 9/21/2006 Rev.4.01 At 25°C ambient temperature unless otherwise specified. VF=3.5V at IF=25A (uni-directional only) e p y t e c i v e D e c i v e D g n i k r a m e d o c e g a t l o v n w o d k a e r B V ) R B ( ) s t l o V ( ) 1 ( t s e T t n e r r u c I t a T ) A m ( f f o - d n a t S e g a t l o v V M W ) s t l o V ( m u m i x a M e s r e v e r e g a k a e l V t a M W I D ) 3 ( (u ) A m u m i x a M e s l u p k a e p e g r u s t n e r r u c I M P P ) 2 ( ) A ( m u m i x a M g n i p m a l c e g a t l o v I t a M P P V C ) s t l o V ( I N UI B. n i M. x a M 0 . 5 J A M SD AD W0 4 . 62 8 . 70 10 . 50 0 87 . 1 46 . 9 A 0 . 5 J A M S ) 5 ( E AE W0 4 . 67 0 . 70 10 . 50 0 85 . 3 42 . 9 0 . 6 J A M SF AF W7 6 . 65 1 . 80 10 . 60 0 81 . 5 34 . 1 1 A 0 . 6 J A M SG AG W7 6 . 67 3 . 70 10 . 60 0 88 . 8 33 . 0 1 5 . 6 J A M SH AH W2 2 . 72 8 . 80 15 . 60 0 55 . 2 33 . 2 1 A 5 . 6 J A M SK AK W2 2 . 78 9 . 70 15 . 60 0 57 . 5 32 . 1 1 0 . 7 J A M SL AL W8 7 . 71 5 . 90 10 . 70 0 21 . 0 33 . 3 1 A 0 . 7 J A M SM AM W8 7 . 70 6 . 80 10 . 70 0 23 . 3 30 . 2 1 5 . 7 J A M SN AN W3 3 . 82 . 0 10 . 15 . 70 0 10 . 8 23 . 4 1 A 5 . 7 J A M SP AP W3 3 . 81 2 . 90 . 15 . 70 0 10 . 1 39 . 2 1 0 . 8 J A M SQ AQ W9 8 . 89 . 0 10 . 10 . 80 57 . 6 20 . 5 1 A 0 . 8 J A M SR AR W9 8 . 83 8 . 90 . 10 . 80 54 . 9 26 . 3 1 5 . 8 J A M SS AS W4 4 . 95 . 1 10 . 15 . 80 12 . 5 29 . 5 1 A 5 . 8 J A M ST AT W4 4 . 94 . 0 10 . 15 . 80 18 . 7 24 . 4 1 0 . 9 J A M SU AU W0 . 0 12 . 2 10 . 10 . 90 . 57 . 3 29 . 6 1 A 0 . 9 J A M SV AV W0 . 0 11 . 1 10 . 10 . 90 . 50 . 6 24 . 5 1 0 1 J A M SW AW W1 . 1 16 . 3 10 . 10 10 . 13 . 1 28 . 8 1 A 0 1 J A M SX AX W1 . 1 13 . 2 10 . 10 10 . 15 . 3 20 . 7 1 1 1 J A M SY AY W2 . 2 19 . 4 10 . 11 10 . 19 . 9 11 . 0 2 A 1 1 J A M SZ AZ W2 . 2 15 . 3 10 . 11 10 . 10 . 2 22 . 8 1 2 1 J A M SD BD X3 . 3 13 . 6 10 . 12 10 . 12 . 8 10 . 2 2 A 2 1 J A M SE BE X3 . 3 17 . 4 10 . 12 10 . 11 . 0 29 . 9 1 3 1 J A M SF BF X4 . 4 16 . 7 10 . 13 10 . 18 . 6 18 . 3 2 A 3 1 J A M SG BG X4 . 4 19 . 5 10 . 13 10 . 16 . 8 15 . 1 2 4 1 J A M SH BH X6 . 5 11 . 9 10 . 14 10 . 15 . 5 18 . 5 2 A 4 1 J A M SK BK X6 . 5 12 . 7 10 . 14 10 . 12 . 7 12 . 3 2 5 1 J A M SL BL X7 . 6 14 . 0 20 . 15 10 . 19 . 4 19 . 6 2 A 5 1 J A M SM BM X7 . 6 15 . 8 10 . 15 10 . 14 . 6 14 . 4 2 6 1 J A M SN BN X8 . 7 18 . 1 20 . 16 10 . 19 . 3 18 . 8 2 A 6 1 J A M SP BP X8 . 7 17 . 9 10 . 16 10 . 14 . 5 10 . 6 2 7 1 J A M SQ BQ X9 . 8 11 . 3 20 . 17 10 . 11 . 3 15 . 0 3 A 7 1 J A M SR BR X9 . 8 19 . 0 20 . 17 10 . 15 . 4 16 . 7 2 8 1 J A M SS BS X0 . 0 24 . 4 20 . 18 10 . 14 . 2 12 . 2 3 A 8 1 J A M ST BT X0 . 0 21 . 2 20 . 18 10 . 17 . 3 12 . 9 2 0 2 J A M SU BU X2 . 2 21 . 7 20 . 10 20 . 12 . 1 18 . 5 3 A 0 2 J A M SV BV X2 . 2 25 . 4 20 . 10 20 . 13 . 2 14 . 2 3 2 2 J A M SW BW X4 . 4 28 . 9 20 . 12 20 . 12 . 0 14 . 9 3 A 2 2 J A M SX BX X4 . 4 29 . 6 20 . 12 20 . 13 . 1 15 . 5 3 4 2 J A M SY BY X7 . 6 26 . 2 30 . 14 20 . 13 . 90 . 3 4 A 4 2 J A M SZ BZ X7 . 6 25 . 9 20 . 14 20 . 13 . 0 19 . 8 3 6 2 J A M SD CD Y9 . 8 23 . 5 30 . 16 20 . 16 . 86 . 6 4 A 6 2 J A M SE CE Y9 . 8 29 . 1 30 . 16 20 . 15 . 91 . 2 4 8 2 J A M SF CF Y1 . 1 30 . 8 30 . 18 20 . 10 . 80 . 0 5 A 8 2 J A M SG CG Y1 . 1 34 . 4 30 . 18 20 . 18 . 84 . 5 4 0 3 J A M SH CH Y3 . 3 37 . 0 40 . 10 30 . 15 . 75 . 3 5 A 0 3 J A M SK CK Y3 . 3 38 . 6 30 . 10 30 . 13 . 84 . 8 4 Notes: 1. V (BR) measured after IT applied for 300us square wave pulse or equivalent 2. Surge current waveform per Fig. 3 and derate per Fig. 2 3. For bi-directional types having V WM of 10 Volts and less, the ID limit is doubled 4. All terms and symbols are consistent with ANSI/IEEE C62.35 5. For the bidirectional SMAJ5.0CA, the maximum V (BR) is 7.25V. |
Podobny numer części - SMAJ90 |
|
Podobny opis - SMAJ90 |