Zakładka z wyszukiwarką danych komponentów |
|
X1205S8I Arkusz danych(PDF) 10 Page - Xicor Inc. |
|
X1205S8I Arkusz danych(HTML) 10 Page - Xicor Inc. |
10 / 22 page X1205 – Preliminary Information REV 1.0.9 8/29/02 Characteristics subject to change without notice. 10 of 22 www.xicor.com Stop and Write Modes Stop conditions that terminate write operations must be sent by the master after sending at least 1 full data byte and it’s associated ACK signal. If a stop is issued in the middle of a data byte, or before 1 full data byte + ACK is sent, then the X1205 resets itself without per- forming the write. The contents of the array are not affected. Acknowledge Polling Disabling of the inputs during nonvolatile write cycles can be used to take advantage of the typical 5mS write cycle time. Once the stop condition is issued to indi- cate the end of the master’s byte load operation, the X1205 initiates the internal nonvolatile write cycle. Acknowledge polling can begin immediately. To do this, the master issues a start condition followed by the Slave Address Byte for a write or read operation. If the X1205 is still busy with the nonvolatile write cycle then no ACK will be returned. When the X1205 has com- pleted the write operation, an ACK is returned and the host can proceed with the read or write operation. Refer to the flow chart in Figure 9. Read Operations There are three basic read operations: Current Address Read, Random Read, and Sequential Read. Current Address Read Internally the X1205 contains an address counter that maintains the address of the last word read incre- mented by one. Therefore, if the last read was to address n, the next read operation would access data from address n+1. Upon receipt of the Slave Address Byte with the R/W bit set to one, the X1205 issues an acknowledge, then transmits eight data bits. The mas- ter terminates the read operation by not responding with an acknowledge during the ninth clock and issuing a stop condition. Refer to Figure 8 for the address, acknowledge, and data transfer sequence. Figure 9. Acknowledge Polling Sequence It should be noted that the ninth clock cycle of the read operation is not a “don’t care.” To terminate a read operation, the master must either issue a stop condi- tion during the ninth cycle or hold SDA HIGH during the ninth clock cycle and then issue a stop condition. ACK returned? Issue Slave Address Byte (Read or Write) Byte load completed by issuing STOP. Enter ACK Polling Issue STOP Issue START NO YES Issue STOP NO Continue normal Read or Write command sequence PROCEED YES nonvolatile write Cycle complete. Continue command sequence? Figure 8. Current Address Read Sequence S t a r t S t o p Slave Address Data A C K SDA Bus Signals from the Slave Signals from the Master 1 1 1 1 1 1 0 1 |
Podobny numer części - X1205S8I |
|
Podobny opis - X1205S8I |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |