Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS6383B Arkusz danych(PDF) 8 Page - Silicon Standard Corp.

Numer części SS6383B
Szczegółowy opis  3A DDR Termination Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SSC [Silicon Standard Corp.]
Strona internetowa  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6383B Arkusz danych(HTML) 8 Page - Silicon Standard Corp.

  SS6383B Datasheet HTML 1Page - Silicon Standard Corp. SS6383B Datasheet HTML 2Page - Silicon Standard Corp. SS6383B Datasheet HTML 3Page - Silicon Standard Corp. SS6383B Datasheet HTML 4Page - Silicon Standard Corp. SS6383B Datasheet HTML 5Page - Silicon Standard Corp. SS6383B Datasheet HTML 6Page - Silicon Standard Corp. SS6383B Datasheet HTML 7Page - Silicon Standard Corp. SS6383B Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
www.SiliconStandard.com
8 of 8
SS6383B(G)
11/07/2004 Rev.2.01
SO-8
SYMBOL
MIN
MAX
A
1.35
1.75
A1
0.10
0.25
B
0.33
0.51
C
0.19
0.25
D
4.80
5.00
E
3.80
4.00
e
1.27(TYP)
H
5.80
6.20
L
0.40
1.27
D
H
e
A
B
C
E
L
PHYSICAL DIMENSIONS (cont.)


Podobny numer części - SS6383B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Standard Corp.
SS6383 SSC-SS6383 Datasheet
745Kb / 7P
   1.5A DDR Termination Regulator
SS6383A SSC-SS6383A Datasheet
772Kb / 7P
   2A DDR Termination Regulator
SS6383ACE5TR SSC-SS6383ACE5TR Datasheet
772Kb / 7P
   2A DDR Termination Regulator
SS6383ACSTR SSC-SS6383ACSTR Datasheet
772Kb / 7P
   2A DDR Termination Regulator
SS6383AG SSC-SS6383AG Datasheet
772Kb / 7P
   2A DDR Termination Regulator
More results

Podobny opis - SS6383B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BCD Semiconductor Manuf...
AP2302 BCDSEMI-AP2302 Datasheet
154Kb / 13P
   3A DDR TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2992 GMT-G2992_06 Datasheet
331Kb / 7P
   3A DDR Bus Termination Regulator
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655_06 Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517_11 Datasheet
1Mb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655 Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517 Datasheet
193Kb / 6P
   3A DDR BUS TERMINATION REGULATOR
UR6515A UTC-UR6515A Datasheet
517Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2992 GMT-G2992 Datasheet
83Kb / 1P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR6515D UTC-UR6515D Datasheet
713Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Monolithic Power System...
MP2007 MPS-MP2007 Datasheet
257Kb / 11P
   3A, 1.3V??.0V DDR Memory Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com