Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS6086-50CTBG Arkusz danych(PDF) 2 Page - Silicon Standard Corp.

Numer części SS6086-50CTBG
Szczegółowy opis  1.5A Low Dropout Positive Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SSC [Silicon Standard Corp.]
Strona internetowa  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6086-50CTBG Arkusz danych(HTML) 2 Page - Silicon Standard Corp.

  SS6086-50CTBG Datasheet HTML 1Page - Silicon Standard Corp. SS6086-50CTBG Datasheet HTML 2Page - Silicon Standard Corp. SS6086-50CTBG Datasheet HTML 3Page - Silicon Standard Corp. SS6086-50CTBG Datasheet HTML 4Page - Silicon Standard Corp. SS6086-50CTBG Datasheet HTML 5Page - Silicon Standard Corp. SS6086-50CTBG Datasheet HTML 6Page - Silicon Standard Corp. SS6086-50CTBG Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.SiliconStandard.com
2 of 7
SS6086
!"
ORDERING INFORMATION
"/88/9:/8
*(0
"/;<
=>
(=:3.4
=/8
 

8/;<
=>
(=:3.4
=/8

"/;<
=>
(=:3.4
=/8




*((
"/;<
=>
(=:3.4
=/8


"?/89@";
=";A;;
.=:.;
.9=.93-)*((4
"?9/89@";
;= *((
B= *(0
= *((
@= )*((
:":9;
;:= >:).;
&= &
(= (
(&= (&
= 
= 
SS6086
*CCCCC
;%  = SS6086-28CETR
$
(&1 *((", A
 A ", 

!"
ABSOLUTE MAXIMUM RATINS
/8>698 DDDDDDDDE 
  >     DDDDD°F(°
)       
DDDD*0°F°
!    3> 4
*(( DDDDDDDDD°6<

*(( DDDDDDDDD(°6<

)*(( DDDDDDDDD°6<

*(0 DDDDDDDDDDDD°6<
!    > $   *(( DDDDDDDDDDD°6< 
3  $ -+'! ,4 *(0 DDDDDDDD0°6<

)*(( DDDDDDDD°6<

*(( DDDDDDDDD°6<
    3)  4  DDDDDDD(0°
Rev.2.01 6/06/2003


Podobny numer części - SS6086-50CTBG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Standard Corp.
SS6084 SSC-SS6084 Datasheet
307Kb / 7P
   5A Low-dropout Positive Linear Regulator
SS6084-15CETB SSC-SS6084-15CETB Datasheet
307Kb / 7P
   5A Low-dropout Positive Linear Regulator
SS6084-15CETR SSC-SS6084-15CETR Datasheet
307Kb / 7P
   5A Low-dropout Positive Linear Regulator
SS6084-15CMTB SSC-SS6084-15CMTB Datasheet
307Kb / 7P
   5A Low-dropout Positive Linear Regulator
SS6084-15CMTR SSC-SS6084-15CMTR Datasheet
307Kb / 7P
   5A Low-dropout Positive Linear Regulator
More results

Podobny opis - SS6086-50CTBG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Intergrations Co...
AIC1086 AIC-AIC1086_15 Datasheet
238Kb / 11P
   1.5A Low Dropout Positive Regulator
logo
Vishay Siliconix
GS1086 VISHAY-GS1086 Datasheet
81Kb / 6P
   1.5A Low Dropout Positive Adjustable Regulator
12-Mar-02
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_08 Datasheet
168Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
TS1086 TSC-TS1086 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1086 AME-AME1086 Datasheet
103Kb / 14P
   1.5A Low Dropout Positive Voltage Regulator
logo
Analog Intergrations Co...
AIC1086 AIC-AIC1086 Datasheet
109Kb / 7P
   1.5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1015 IRF-IRU1015 Datasheet
104Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_07 Datasheet
482Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
First Components Intern...
FC1286 FCI-FC1286 Datasheet
316Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com