Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS6638-45GUTR Arkusz danych(PDF) 10 Page - Silicon Standard Corp.

Numer części SS6638-45GUTR
Szczegółowy opis  Simple 3-Pin Step-Up DC/DC Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SSC [Silicon Standard Corp.]
Strona internetowa  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6638-45GUTR Arkusz danych(HTML) 10 Page - Silicon Standard Corp.

Back Button SS6638-45GUTR Datasheet HTML 6Page - Silicon Standard Corp. SS6638-45GUTR Datasheet HTML 7Page - Silicon Standard Corp. SS6638-45GUTR Datasheet HTML 8Page - Silicon Standard Corp. SS6638-45GUTR Datasheet HTML 9Page - Silicon Standard Corp. SS6638-45GUTR Datasheet HTML 10Page - Silicon Standard Corp. SS6638-45GUTR Datasheet HTML 11Page - Silicon Standard Corp. SS6638-45GUTR Datasheet HTML 12Page - Silicon Standard Corp. SS6638-45GUTR Datasheet HTML 13Page - Silicon Standard Corp. SS6638-45GUTR Datasheet HTML 14Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.SiliconStandard.com
10 of 19
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Fig. 32
SS6638-33G Switching Frequency vs. Temperature
Temperature (
°C)
-40
-
20
0
20
40
60
80
100
40
60
80
100
120
140
160
Fig. 33
SS6638-33G Maximum Duty Cycle vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
100
70
72
74
76
78
80
Fig. 34
SS6638-33G SW Turn ON Resistance vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Fig. 35
SS6638-33G Supply Current vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
100
10
15
20
25
30
35
40
45
Fig. 36
SS6638-45G Load Regulation (L=100
µH)
Output Current (mA)
0
50
100
150
200
250
300
350
400
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
VIN=3.0V
VIN=1.5V
VIN=2.0V
VIN=1.2V
VIN=0.9V
Fig. 37
SS6638-45G Efficiency (L=100
µH)
Output Current (mA)
0
50
100
150
200
250
300
350
400
50
55
60
65
70
75
80
85
90
VIN=3.0V
VIN=1.5V
VIN=2.0V
VIN=1.2V
VIN=0.9V
SS6638G
8/21/2005 Rev.2.3


Podobny numer części - SS6638-45GUTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensitron
SS6638 SENSITRON-SS6638 Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
SS6638U SENSITRON-SS6638U Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
SS6638US SENSITRON-SS6638US Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
More results

Podobny opis - SS6638-45GUTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Standard Corp.
SS6642G SSC-SS6642G Datasheet
1Mb / 22P
   3-Pin Simple Step-Up DC/DC Converter
logo
Power Analog Micoelectr...
PAM2400 PAM-PAM2400 Datasheet
203Kb / 14P
   3-Pin Synchronous Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1639 AIC-AIC1639 Datasheet
147Kb / 11P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1638 AIC-AIC1638 Datasheet
240Kb / 15P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1642 AIC-AIC1642 Datasheet
251Kb / 14P
   3-Pin One-Cell Step-Up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com